Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 4Page - Cirrus Logic CS43L43 Datasheet HTML 5Page - Cirrus Logic CS43L43 Datasheet HTML 6Page - Cirrus Logic CS43L43 Datasheet HTML 7Page - Cirrus Logic CS43L43 Datasheet HTML 8Page - Cirrus Logic CS43L43 Datasheet HTML 9Page - Cirrus Logic CS43L43 Datasheet HTML 10Page - Cirrus Logic CS43L43 Datasheet HTML 11Page - Cirrus Logic CS43L43 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CS43L43
8
DS479PP3
3.3.2 Control Port Mode
The desired format is selected via the DIF0, DIF1 and DIF2 bits in the Mode Control 2 register (see
section 5.11.2) . For an illustration of the required relationship between LRCK, SCLK and SDATA,
see Figures 2-4.
3.4 De-Emphasis Control
The device includes on-chip digital de-emphasis. Figure 5 shows the de-emphasis curve for Fs equal to
44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes in sam-
ple rate, Fs. De-emphasis is not available in double-speed mode.
L RCK
SC L K
Le ft C h a n n e l
R igh t C h ann e l
SDAT A
+3 + 2 +1
+5 + 4
MS B
-1 -2 -3 -4 -5
+3 + 2 +1
+5 + 4
-1 -2 -3 -4
MS B
LS B
LS B
Figure 2. I2S Data
LR C K
SCL K
Left C h a nn el
R ight C h a n n e l
SD AT A
+3 +2 + 1
+5 +4
MS B
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LS B
MS B
LS B
Figure 3. Left Justified up to 24-Bit Data
LR C K
SC LK
Le ft C h an n e l
SDAT A
-6 -5 -4 -3 -2 -1
-7
+1 + 2 +3 + 4 +5
3 2 clo cks
MS B
R ig h t C ha nn el
LSB
MS B
+1 + 2 +3 + 4 +5
LSB
-6 -5 -4 -3 -2 -1
-7
MS B
Figure 4. Right Justified Data
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 5. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com