Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 16Page - Cirrus Logic CS43L43 Datasheet HTML 17Page - Cirrus Logic CS43L43 Datasheet HTML 18Page - Cirrus Logic CS43L43 Datasheet HTML 19Page - Cirrus Logic CS43L43 Datasheet HTML 20Page - Cirrus Logic CS43L43 Datasheet HTML 21Page - Cirrus Logic CS43L43 Datasheet HTML 22Page - Cirrus Logic CS43L43 Datasheet HTML 23Page - Cirrus Logic CS43L43 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS43L43
20
DS479PP3
5.7.3 CHANNEL A VOLUME = CHANNEL B VOLUME (A=B) BIT 3
Default = 0
0 - Disabled
1 - Enabled
Function:
The HP_A and HP_B volume levels are independently controlled by the A and B Channel Volume Control
Bytes when this function is disabled. The volume on both HP_A and HP_B are determined by the A Chan-
nel Attenuation and Volume Control Bytes. The B Channel Bytes are ignored when this function is en-
abled.
5.7.4 DE-EMPHASIS CONTROL (DEM) BIT 1-2
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Selects the appropriate digital filter to maintain the standard 15
µs/50 µs digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates. (See Figure 5) NOTE: De-emphasis is not available in Dou-
ble-Speed Mode.
5.7.5 DIGITAL VOLUME CONTROL BYPASS (VCBYP) BIT 0
Default = 0
0 - Disabled
1 - Enabled
Function:
When this function is enabled the digital volume control section is bypassed. This disables the digital vol-
ume control, muting, bass boost, treble boost, limiting and ATAPI functions. The analog attenuation con-
trol will remain functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com