Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 115 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 115 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 111Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 112Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 113Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 114Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 115Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 119Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 1
5 – Pin Descriptions
Supply Pins
Name
Type
Description
GND
Ground Digital ground to the FPGA fabric, microcontroller subsystem and GPIOs
GND15ADC0
Ground Quiet analog ground to the 1.5 V circuitry of the first analog-to-digital converter (ADC)
GND15ADC1
Ground Quiet analog ground to the 1.5 V circuitry of the second ADC
GND15ADC2
Ground Quite analog ground to the 1.5 V circuitry of the third ADC
GND33ADC0
Ground Quiet analog ground to the 3.3 V circuitry of the first ADC
GND33ADC1
Ground Quiet analog ground to the 3.3 V circuitry of the second ADC
GND33ADC2
Ground Quiet analog ground to the 3.3 V circuitry of the third ADC
GNDA
Ground Quiet analog ground to the analog front-end
GNDAQ
Ground Quiet analog ground to the analog I/O of SmartFusion cSoCs
GNDENVM
Ground Digital ground to the embedded nonvolatile memory (eNVM)
GNDLPXTAL
Ground Analog ground to the low power 32 KHz crystal oscillator circuitry
GNDMAINXTAL
Ground Analog ground to the main crystal oscillator circuitry
GNDQ
Ground Quiet digital ground supply voltage to input buffers of I/O banks. Within the package, the
GNDQ plane is decoupled from the simultaneous switching noise originated from the
output buffer ground domain. This minimizes the noise transfer within the package and
improves input signal integrity. GNDQ needs to always be connected on the board to
GND.
GNDRCOSC
Ground Analog ground to the integrated RC oscillator circuit
GNDSDD0
Ground Analog ground to the first sigma-delta DAC
GNDSDD1
Ground Common analog ground to the second and third sigma-delta DACs
GNDTM0
Ground Analog temperature monitor common ground for signal conditioning blocks SCB 0 and
SCB 1 (see information for pins "TM0" and "TM1" in the "Analog Front-End (AFE)"
section on page 5-14).
GNDTM1
Ground Analog temperature monitor common ground for signal conditioning block SCB 2 and
SBCB 3 (see information for pins "TM2" and "TM3" in the "Analog Front-End (AFE)"
section on page 5-14).
GNDTM2
Ground Analog temperature monitor common ground for signal conditioning block SCB4
GNDVAREF
Ground Analog ground reference used by the ADC. This pad should be connected to a quiet
analog ground.
VCC
Supply
Digital supply to the FPGA fabric and MSS, nominally 1.5 V. VCC is also required for
powering the JTAG state machine, in addition to VJTAG. Even when a SmartFusion
cSoC is in bypass mode in a JTAG chain of interconnected devices, both VCC and
VJTAG must remain powered to allow JTAG signals to pass through the SmartFusion
cSoC.
Notes:
1. The following 3.3 V supplies should be connected together while following proper noise filtering practices: VCC33A,
VCC33ADCx, VCC33AP, VCC33SDDx, VCCMAINXTAL, and VCCLPXTAL.
2. The following 1.5 V supplies should be connected together while following proper noise filtering practices: VCC,
VCC15A, and VCC15ADCx.
3. For more details on VCCPLLx capacitor recommendations, refer to the application note AC359, SmartFusion cSoC
Board Design Guidelines, the "PLL Power Supply Decoupling Scheme" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com