Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 116 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 116 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 112Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 113Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 114Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 115Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 116Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 117Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 120Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 197 page
background image
Pin Descriptions
5- 2
R ev isio n 1 2
VCC15A
Supply
Clean analog 1.5 V supply to the analog circuitry. Always power this pin.
VCC15ADC0
Supply
Analog 1.5 V supply to the first ADC. Always power this pin.
VCC15ADC1
Supply
Analog 1.5 V supply to the second ADC. Always power this pin.
VCC15ADC2
Supply
Analog 1.5 V supply to the third ADC. Always power this pin.
VCC33A
Supply
Clean 3.3 V analog supply to the analog circuitry. VCC33A is also used to feed the
1.5 V voltage regulator for designs that do not provide an external supply to VCC. Refer
to the Voltage Regulator (VR), Power Supply Monitor (PSM), and Power Modes section
in the SmartFusion Microcontroller Subsystem User’s Guide for more information.
VCC33ADC0
Supply
Analog 3.3 V supply to the first ADC. If unused, Microsemi recommends connecting this
pin to a 3.3 V supply
.1
VCC33ADC1
Supply
Analog 3.3 V supply to the second ADC. If unused, Microsemi recommends connecting
this pin to a 3.3 V supply.1
VCC33ADC2
Supply
Analog 3.3 V supply to the third ADC. If unused, Microsemi recommends connecting
this pin to a 3.3 V supply.1
VCC33AP
Supply
Analog clean 3.3 V supply to the charge pump. To avoid high current draw, VCC33AP
should be powered up simultaneously with or after VCC33A. Can be pulled down if
unused.1
VCC33N
Supply
–3.3 V output from the voltage converter. A 2.2 µF capacitor must be connected from
this pin to GND. Analog charge pump capacitors are not needed if none of the analog
SCB features are used and none of the SDDs are used. In that case it should be left
unconnected.
VCC33SDD0
Supply
Analog 3.3 V supply to the first sigma-delta DAC
VCC33SDD1
Supply
Common analog 3.3 V supply to the second and third sigma-delta DACs
VCCENVM
Supply
Digital 1.5 V power supply to the embedded nonvolatile memory blocks. To avoid high
current draw, VCC should be powered up before or simultaneously with VCCENVM.
VCCESRAM
Supply
Digital 1.5 V power supply to the embedded SRAM blocks. Available only on the
208PQFP package. It should be connected to VCC (in other packages, it is internally
connected to VCC).
VCCFPGAIOB0
Supply
Digital supply to the FPGA fabric I/O bank 0 (north FPGA I/O bank) for the output
buffers and I/O logic.
Each bank can have a separate VCCFPGAIO connection. All I/Os in a bank will run off
the same VCCFPGAIO supply. VCCFPGAIO can be 1.5 V, 1.8 V, 2.5 V, or 3.3 V,
nominal voltage. Unused I/O banks should have their corresponding VCCFPGAIO pins
tied to GND.
VCCFPGAIOB1
Supply
Digital supply to the FPGA fabric I/O bank 1 (east FPGA I/O bank) for the output buffers
and I/O logic.
Each bank can have a separate VCCFPGAIO connection. All I/Os in a bank will run off
the same VCCFPGAIO supply. VCCFPGAIO can be 1.5 V, 1.8 V, 2.5 V, or 3.3 V,
nominal voltage. Unused I/O banks should have their corresponding VCCFPGAIO pins
tied to GND.
Name
Type
Description
Notes:
1. The following 3.3 V supplies should be connected together while following proper noise filtering practices: VCC33A,
VCC33ADCx, VCC33AP, VCC33SDDx, VCCMAINXTAL, and VCCLPXTAL.
2. The following 1.5 V supplies should be connected together while following proper noise filtering practices: VCC,
VCC15A, and VCC15ADCx.
3. For more details on VCCPLLx capacitor recommendations, refer to the application note AC359, SmartFusion cSoC
Board Design Guidelines, the "PLL Power Supply Decoupling Scheme" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com