Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 13Page - Active-Semi, Inc ACT36X Datasheet HTML 14Page - Active-Semi, Inc ACT36X Datasheet HTML 15Page - Active-Semi, Inc ACT36X Datasheet HTML 16Page - Active-Semi, Inc ACT36X Datasheet HTML 17Page - Active-Semi, Inc ACT36X Datasheet HTML 18Page - Active-Semi, Inc ACT36X Datasheet HTML 19Page - Active-Semi, Inc ACT36X Datasheet HTML 20Page - Active-Semi, Inc ACT36X Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
-17-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT336 5V/2100MA CHARGER
Bill of Materials
Transformer Specitication
Build up
Note:1.SH1 and SH2 are shielding; P1 ,P2 and P3 are primary
and S1 is secondary.(Bobbin:EFD15)
Electrical specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and
secondary
3000Vac
2
P1 Inductance
Inductance between pins 2 and 4 at
1Vac & 1kHz
1.53mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 1 and 3 with
pins 2-4 and A-B shorted
75µH
PCB Top and Bottom Layers
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
EVALUATION KITS
Vin
Vo
Io
ACT336-01
85-264Vac
4.75-5.25V
>1200mA
REF
DESCRIPTION
MFTR
C1,C2
Capacitor, Electrolytic, 6.8µF/400V, 8x12mm
Koshin
C3
Capacitor, Ceramic,220pF/500V,0805,SMD
POE
C4
Capacitor, Ceramic,4.7µF/35V,0805,SMD
POE
C5,C6
Capacitor, Electrolytic, 330µF/10V, 8x12mm
KSC
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
POE
BD1
Bridge,B6S,600V/0.5A,MDI,SMD
PANJIT
D5,D6
Diode,Ultra Fast, FR107,1000V/1.0A,DO-41
Good-Ark
D8
Diode, schottky, 40V/5A, SK54, SMC
PANJIT
L1
Axial Inductor, 1.5mH,0410,Dip
Amode Tech
Q1
Transistor, HFE 20-25, NPN,D13003X,TO-251
Huawei
PCB1
PCB, L*W*T=26.4x24.4x0.8mm,Cem-1,Rev:A
Jintong
FR1
Wire Round Resistor,1W,10 ohm,KNP, 5%
TY-OHM
R1
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R2
Chip Resistor, 1MΩ, 0805, 5%
TY-OHM
R3
Chip Resistor, 330Ω, 0805, 5%
TY-OHM
R4
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R5
Chip Resistor, 65kΩ, 0805,1%
TY-OHM
R6
Chip Resistor, 11.3kΩ, 0805,1%
TY-OHM
R7,R8
Chip Resistor, 15MΩ, 1206, 5%
TY-OHM
R9
Chip Resistor, 0.91Ω, 1206,1%
TY-OHM
R10
Chip Resistor, 162kΩ, 0805, 5%
TY-OHM
R11
Chip Resistor, 3.6kΩ, 0805, 5%
TY-OHM
R13
Chip Resistor, 10 ohm, 0805, 5%
TY-OHM
T1
Transformer, Lp=1.53mH, EFD15
U1
IC, ACT336SH,SOP-8
Active-Semi.
Winding
Terminal
Turns
Wire
Insulation
Start Finish
Type
Size*QTY Layer Thick/Wide
Layer
P2
3
1
23
2UEW
0.12Φ*2
1
0.025*8.5W
2
P1
4
-->
47
2UEW
0.15Φ*1
1
0.025*8.5W
2
<--
<--
47
2UEW
0.15Φ*1
1
0.025*8.5W
-->
2
46
2UEW
0.15Φ*1
1
0.025*8.5W
SH1
1
NC
17
2UEW
0.12Φ*3
1
0.025*8.5W
2
S1
A
B
8
TEX-E
0.30Φ*2
1
0.025*8.5W
2
SH2
NC
1
21
2UEW
0.12Φ*3
1
0.025*8.5W
2
S1
B
P2
3
1
P1
2
4
A
NC
NC
Reverse
68.00%
70.00%
72.00%
74.00%
110
135
160
185
210
235
Vin
Average Efficiency Vs Vin
Efficiency Vs Vin 
115V,230"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com