Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc ACT36X Datasheet HTML 12Page - Active-Semi, Inc ACT36X Datasheet HTML 13Page - Active-Semi, Inc ACT36X Datasheet HTML 14Page - Active-Semi, Inc ACT36X Datasheet HTML 15Page - Active-Semi, Inc ACT36X Datasheet HTML 16Page - Active-Semi, Inc ACT36X Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
-13-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT334 5V/700MA CHARGER
Bill of Materials
REF
DESCRIPTION
MFTR
C1, C2
Capacitor, Electrolytic, 4.7µF/400V, 8 × 12mm
KSC
C3
Capacitor, Ceramic,220pF/500V,1206,SMD
POE
C4
Capacitor, Ceramic,, 4.7µF/35V, 1206, SMD
POE
C5,C6
Capacitor, Electrolytic, 220µF/10V, 6.3 × 8mm
KSC
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
POE
D1-D5
Diode,Rectifier,1000V/1A,1N4007, DO-41
Good-Ark
D6
Diode, Ultra Fast, FR107,1000V/1.0A, DO-41
Good-Ark
D8
Diode, Schottky, 40V/3A, SB340, SMA
Good-Ark
L1
Axial Inductor, 1.5mH, 0410, DIP
Amode Tech
Q1
Transistor, NPN, 700V,1.5A, D13003, TO-251AB
Huawei
FR1
Fusible Resistor, 1W, 10Ω, 5%
TY-OHM
R1,R4
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R2
Chip Resistor, 1.0M, 1206, 5%
TY-OHM
R3
Chip Resistor, 470Ω, 1206, 5%
TY-OHM
R5
Chip Resistor, 43.4K, 0805, 1%
TY-OHM
R6
Chip Resistor, 8.25K, 0805, 1%
TY-OHM
R7,R8
Chip Resistor, 15MΩ, 1206, 5%
TY-OHM
R9
Chip Resistor, 1.0Ω, 1206, 1%
TY-OHM
R10
Chip Resistor, 80.6K, 0805, 5%
TY-OHM
R11
Chip Resistor, 3.9K, 0805, 5%
TY-OHM
R13
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
T1
Transformer, LP = 1.5mH±7%, EPC13 5+5pin
U1
IC, ACT334US-T, SOT23-6
Active-Semi
PCB1
PCB, L*W*T=41.3x28.1x1.6mm,Cem-1,Rev:A
Jintong
Transformer Specitication
Build up
Note:1.SH1,SH2 are shielding; P1 & P2 are primary and S1 is
secondary.(Bobbin:EPC13)
Electrical specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and
secondary
3000Vac
2
P1 Inductance
Inductance between pins 1 and 4 at
1Vac & 1kHz
1.5mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 1 and 4 with
pins 2-3 and 6-10 shorted
75µH
PCB Top and Bottom Layers
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
CC/CV CURVE
EVALUATION KITS
Vin
Vo
Io
ACT334-01
85-264Vac
4.75-5.25V
700-900mA
Wind-
ing
Terminal
Turns
Wire
Insulation
Start
Fin-
ish
Type
Size*QTY
Layer
Thick/Wide
Lay
er
P1
4
-->
49
2UEW
0.12Φ*1
1
0.025*8.5W
<
--
<
--
49
2UEW
0.12Φ*1
1
0.025*8.5W
-->
1
49
2UEW
0.12Φ*1
1
0.025*8.5W
SH1
2
NC
49
2UEW
0.12Φ*1
1
0.025*8.5W
P2
2
3
24
2UEW
0.12Φ*1
1
0.025*8.5W
1
S1
10
6
9
TEX-E
0.40Φ*1
1
0.025*8.5W
2
SH2
2
Core
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com