Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT36X Datasheet HTML 1Page - Active-Semi, Inc ACT36X Datasheet HTML 2Page - Active-Semi, Inc ACT36X Datasheet HTML 3Page - Active-Semi, Inc ACT36X Datasheet HTML 4Page - Active-Semi, Inc ACT36X Datasheet HTML 5Page - Active-Semi, Inc ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
: PSR is Primary-Side Regulation
For information regarding Active-Semi products, sales and authorized distributors, please contact: sales@active-semi.com.
● Chargers for Cell Phones, PDAs, MP3, PMPs, DSCs, and Other Portable Devices
● RCC Adapter or Linear Adapter Replacements
● Standby and Auxiliary Supplies
● White LED Lighting
Applications
AC/DC Converters – ActivePSRTM
Part
Number
Output Power
Technology
Standby Power
Consumption
Switching
Frequency
Package
ACT361
6.0W
PSR
< 150mW @ VAC = 230V
Adjustable to 40kHz
SOT23-6
ACT364
6.5W
PSR
< 150mW @ VAC = 230V
Adjustable to 80kHz
SOT23-6
ACT365
12.5W
PSR
< 150mW @ VAC = 230V
Adjustable to 80kHz
SOP8
ACT366
14.5 W
PSR
< 150mW @ VAC = 230V
Adjustable to 80kHz
SOP8-EP
ACT334
6.5W
PSR
< 30mW @ VAC = 230V
Adjustable to 80kHz
SOT23-6
ACT336
7.0W
PSR
< 30mW @ VAC = 230V
Adjustable to 80kHz
SOP8
ACT337
12.5W
PSR
< 30mW @ VAC = 230V
Adjustable to 80kHz
SOP8
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
Table of Contents
1. ACT361 5V 1000mA Universal Charger ……………………………………………..………….…………….…………4
2. ACT364 5V 1000mA Universal Charger ……………………………………………..………….…………….…………6
3. ACT365 5V 2100mA Universal Charger……………………………….………………………………….……...………8
4. ACT366 12V 1000mA Universal Charger …………….…………………..…….…….……………...………..………..10
5. ACT334 5V 700mA Universal Charger …………………….…………..…….…….…………………………..…….....12
6. ACT334 5V 1000mA Universal Charger …………………….…….…..…….…….…………………………..…….....14
7. ACT336 5V 1200mA Universal Charger ……….…………………..…….…...………...…………………..………….16
8. ACT337 5V 1500mA Universal Charger ……….……………………..…….…...……………………….....………….18
9. ACT337 5V 2100mA Universal Charger ……….……………………..…….…...……………………….....………….20
Active-Semi (Shanghai) Office Contact Information
Fast Technical Support
Contact Person: Peter (Director of Product Line)
Tel: (86-21) 5108 2797#865; Mobile Phone: 135 8558 2743; E-mail box: Peterhuang@active-semi.com.
Address: RM1202,Sunplus Building,No.1077 Zuchongzhi Road, Zhangjiang High Tech Park, Shanghai
201203, China



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com