Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc ACT36X Datasheet HTML 12Page - Active-Semi, Inc ACT36X Datasheet HTML 13Page - Active-Semi, Inc ACT36X Datasheet HTML 14Page - Active-Semi, Inc ACT36X Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
-11-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT366 12V/1000MA CHARGER
Bill of Materials
REF
DESCRIPTION
MFTR
C1
Capacitor, Electrolytic, 10µF/400V, 10 × 12mm
KSC
C2
Capacitor, Electrolytic, 15µF/400V, 10 × 12mm
KSC
C3
Capacitor, Ceramic,1000pF/500V,1206, SMD
POE
C4
Capacitor, Electrolytic, 47µF/35V, 5 × 11mm
KSC
C5
Capacitor, Electrolytic, 330µF/25V, 8 × 12mm?
KSC
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
POE
CY1
Safety Y1,Capacitor,1000pF/400V,Dip
UXT
BD1
Bridge,Rectifier,1000V/1A,MB10M, SMD
D5
Diode, Ultra Fast, FR107,1000V/1.0A, DO-41
Good-Ark
D6
Diode, Switching,75V/150mA,LL4148, MICRO-MELF
Good-Ark
D8
Diode, Schottky, 60V/5A, SB560, DO-201AD
PANJIT
L1
Common choke mode, UU9.8,20mH, DIP
Q1
Transistor, NPN, 700V,1.5A, D13003, TO-220
Huawei
F1
Fuse:1A 250V 3.6*10mm With Pigtail, ceramic tube
walter
R1
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R2
Chip Resistor, 300k, 1206, 5%
TY-OHM
R3
Chip Resistor, 0Ω, 1206, 5%
TY-OHM
R4
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
R5
Chip Resistor, 59k, 0805, 1%
TY-OHM
R6
Chip Resistor, 9.09k, 0805, 1%
TY-OHM
R7
Chip Resistor, 2.7MΩ, 1206, 5%
TY-OHM
R9
Chip Resistor, 0.604Ω, 1206, 1%
TY-OHM
R10
Chip Resistor, 330k, 0805, 5%
TY-OHM
R11
Chip Resistor, 5K, 0805, 5%
TY-OHM
R12,R14
Chip Resistor, 2.2K, 0805, 5%
TY-OHM
R13
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
T1
Transformer, LP = 1.2mH±7%, EE20
U1
IC, ACT366YH-T, SOP8-EP
Active-Semi
S/H1
AL HeatSink, LxWxH=15x23x2.0mm
PCB1
PCB, L*W*T=45.8x33.3x1.6mm,Cem-1,Rev:A
Jintong
Transformer Specitication
Build up
Wind-
ing
Terminal
Turns
Wire
Insulation
Start
Finish
Type
Size*QTY
Layer
Thick/Wide
Laye
r
5
-->
32
2UEW
0.25Φ*1
1
0.025*8.5W
-->
3
32
2UEW
0.25Φ*1
1
0.025*8.5W
2
SH1
-->
1
0.9
Copper
0.7mm
1
0.025*8.5W
2
S1
B
A
9
TEX-E
0.4Φ*2
1
0.025*8.5W
2
P2
2
1
12
2UEW
0.25Φ*3
1
0.025*8.5W
2
P1
3
4
32
2UEW
0.25Φ*1
1
0.025*8.5W
2
SH2
1
core
3
Con-
ductor
0.25Φ*1
1
0.025*10
5
P1
Note:1.SH1 and SH2 are shielding; P1 & P2 are primary and S1
is secondary.(Bobbin:EE20)
Electrical specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and
secondary
3000Vac
2
P1 Inductance
Inductance between pins 4 and 5 at
1Vac & 1kHz
1.2mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 4 and 5 with
pins 2-1 and A-B shorted
75µH
PCB Top and Bottom Layers
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
CC/CV CURVE
EVALUATION KITS
Vin
Vo
Io
ACT366-01
85-264Vac
11.4-12.6V
>1000mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com