Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 4Page - Active-Semi, Inc ACT36X Datasheet HTML 5Page - Active-Semi, Inc ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc ACT36X Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
-8-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT365 5V/2100MA CHARGER
Operation and Application
Figure 1 is the schematic of an offline charger
using ACT365 to provide output power of
5V2100mA. This circuit is a typical flyback power
supply which includes the AC rectified circuit
(BD1,C1, C2),power drive circuit (BD pin, Q1),
secondary rectified circuit (D8, C5,C6) and the IC
control circuit. ACT365SH is a Primary Side
Regulator (PSR) so that the power supply unit
can regulate current and voltage without Opto-
coupler. Pin 6 and Pin 2,4,7 are the VDD and
ground pins to provide power for the IC. Pin 8 is
the base drive for the NPN transistor. Pin 1 is the
switching pin. Pin 5 is the feedback pin that
senses the output current and output voltage. Pin
3 is the peak current sense pin. Resistance of
R10 determines the output DC cord compensa-
tion percentage. This circuit can be used as uni-
versal
charger
for
Cell
Phones,
PDAs,
MP3,Portable Media Players, Shaver, DSCs, and
Other Portable Devices and Appliances.
Key Component Selection
The maximum output current is decided by for-
mula (1).
Lp is the transformer inductance value, Rcs is the
current sense resistor, which is shown as R9 in
the schematic. Fsw is the switching frequency,
which design value is 75kHz. η is the overall sys-
tem efficiency, which value is approximately
equal to 70%. Voutcc is the output voltage, which
setting is through the flyback voltage of auxiliary
winding and the feedback resistor R5, R6 as
shown in formula (2).
Np/Ns/Naux (110/8/18) must be designed cor-
rectly to ensure it operates in DCM in all condi-
tions. A design value Voutcc equal to 5V and
Ioutcc_min equal to 2100mA are used to do the
design. Ns and Naux are number of turns of sec-
ondary and auxiliary of the transformer. VSEC_R
is the forward voltage drop of the output rectifier
diode at approximately 0.1A bias. The peak cur-
rent limit is set by (0.396×0.9)/Rcs.
)
V
F
(
)
R
396
.
0
*
9
.
0
(
L
2
1
I
OUTCC
SW
2
CS
P
OUTCC
×
×
×
×
=
η
R
_
SEC
AUX
S
6
5
REF
OUTCC
V
N
N
)
R
R
1
(
V
V
−
×
+
×
=
Input Voltage
Device
Standby Power
Output Voltage
Power output
Transformer
Topology
85-264VAC
ACT365SH
150mW
5V
10.5W
EPC17
Flyback
Figure 1:
Schematic of Charger
L=40.0mm
W=28.1mm
H=22.1mm
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com