Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 14Page - Active-Semi, Inc ACT36X Datasheet HTML 15Page - Active-Semi, Inc ACT36X Datasheet HTML 16Page - Active-Semi, Inc ACT36X Datasheet HTML 17Page - Active-Semi, Inc ACT36X Datasheet HTML 18Page - Active-Semi, Inc ACT36X Datasheet HTML 19Page - Active-Semi, Inc ACT36X Datasheet HTML 20Page - Active-Semi, Inc ACT36X Datasheet HTML 21Page - Active-Semi, Inc ACT36X Datasheet HTML 22Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
-19-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT337 5V/1500MA CHARGER
Bill of Materials
Transformer Specitication
Build up
Wind
ing
Terminal
Turns
Wire
Insulation
Start
Finish
Type
Size*QTY
Layer
Thick/Wide
Laye
r
P1
2
3
74
2UEW
0.22Φ*1
1
0.025*8.5W
2
SH1
-->
4
0.9
Copper
0.7mm
1
0.025*8.5W
2
S1
B
A
8
TEX-E
0.75Φ*1
1
0.025*8.5W
2
P2
5
4
18
2UEW
0.14¢*3
1
0.025*8.5W
2
P3
3
1
36
2UEW
0.22¢*1
1
0.025*8.5W
2
SH2
4
core
3
Copper
wire
0.15Φ*1
1
0.025*8.5W
8
Note:1.SH1 and SH2 are shielding; P1 ,P2 and P3 are primary
and S1 is secondary.(Bobbin:EE16)
Electrical specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and
secondary
3000Vac
2
P1 Inductance
Inductance between pins 2 and 3 at
1Vac & 1kHz
1.15mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 2 and 3 with
pins 4-5 and 6-10 shorted
75µH
PCB Top Layer
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
EVALUATION KITS
Vin
Vo
Io
ACT337-01
85-264Vac
4.75-5.25V
1500-1800mA
REF
DESCRIPTION
MFTR
C1
Capacitor, Electrolytic, 6.8µF/400V, 8×14mm
Koshin
C2
Capacitor, Electrolytic, 10µF/400V,10×14mm
Koshin
C3
Capacitor, Ceramic,220pF/500V,1206,SMD
POE
C4
Capacitor, Electrolytic, 10µF/35V,5x11mm
KSC
C5,C6
Capacitor, Electrolytic,680µF/10V, 8 ×16mm
KSC
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
POE
BD1
Bridge Rectifier,MB6S,600V/1.0A,SDIP
PANJIT
D5
Fast Recovery Rectifier, FR107,1000V/1.0A, DIP
PANJIT
D6
Fast Recovery Rectifier,RS1D,200V/1.0A,SMA
PANJIT
D8
Diode, Schottky, 40V/5A, SS54, SMC
Diodes
L1
Choke Coil, 1.5mH, ¢6x8mm, DIP
Amode Tech
Q1
Transistor, NPN, 700V,D13005,TO-220
Huawei
FR1
Fusible Resistor, 1W, 10Ω, 5%
TY-OHM
R1
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R2
Chip Resistor, 1M,1206, 5%
TY-OHM
R3
Chip Resistor, 300Ω,1206, 5%
TY-OHM
R4
Chip Resistor, 15Ω, 0805, 5%
TY-OHM
R5
Chip Resistor, 66.7kΩ, 0805, 1%
TY-OHM
R6
Chip Resistor,12.4kΩ, 0805, 1%
TY-OHM
R7,R8
Chip Resistor, 15MΩ, 1206, 5%
TY-OHM
R9
Chip Resistor, 0.708Ω,1206, 1%
TY-OHM
R10
Chip Resistor, 80k, 0805, 5%
TY-OHM
R11
Chip Resistor, 3.6k, 0805, 5%
TY-OHM
R13
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
T1
Transformer, LP = 1.15mH±7%, EE16
USB
Double-layer USB Rev:A
U1
IC, ACT337SH-T,SOP-8
Active-Semi
PCB1
PCB, L*W*T=50x26x1.6mm,Cem-1,Rev:A
Jintong
CC/CV CURVE
PCB Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com