Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 2Page - Active-Semi, Inc ACT36X Datasheet HTML 3Page - Active-Semi, Inc ACT36X Datasheet HTML 4Page - Active-Semi, Inc ACT36X Datasheet HTML 5Page - Active-Semi, Inc ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
-6-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT364 5V/1000MA CHARGER
Operation and Application
Figure 1 is the schematic of an offline charger
using ACT364 to provide output power of
5V1000mA. This circuit is a typical flyback power
supply which includes the AC rectified circuit
(BD1,C1, L1,C2),power drive circuit (BD pin, Q1),
secondary rectified circuit (D8,C5,C6) and the IC
control circuit. ACT364 is a Primary Side Regula-
tor (PSR) so that the power supply unit can regu-
late current and voltage without Opto-coupler. Pin
4 and Pin 2 are the VDD and ground pins to pro-
vide power for the IC. Pin 3 is the base drive for
the NPN transistor. Pin 1 is the switching pin. Pin
5 is the feedback pin that senses the output cur-
rent and output voltage. Pin 6 is the peak current
sense pin. Resistance of R10 determines the
output DC cord compensation percentage.
This circuit can be used as universal charger for
Cell Phones, PDAs, MP3,Portable Media Play-
ers, DSCs, and Other Portable Devices and Ap-
pliances.
Key Component Selection
The maximum output current is decided by for-
mula(1).
Lp is the transformer inductance value, Rcs is the
current sense resistor, which is shown as R9 in
the schematic. Fsw is the switching frequency,
which design value is 75kHz. ŋ is the overall sys-
tem efficiency, which value is approximately
equal to 70%. Voutcc is the output voltage, which
setting is through the flyback voltage of auxiliary
winding and the feedback resistor R5, R6 as
shown in formula (2).
Np/Ns/Naux (147/9/24) must be designed cor-
rectly to ensure it operates in DCM in all condi-
tions. A design value Voutcc equal to 5V and
Ioutcc_min equal to 1000mA are used to do the
design. Ns and Naux are number of turns of sec-
ondary and auxiliary of the transformer. VSEC_R
is the forward voltage drop of the output rectifier
diode at approximately 0.1A bias. The peak cur-
rent limit is set by (0.396×0.9)/Rcs.
)
V
F
(
)
R
396
.
0
*
9
.
0
(
L
2
1
I
OUTCC
SW
2
CS
P
OUTCC
×
×
×
×
=
η
R
_
SEC
AUX
S
6
5
REF
OUTCC
V
N
N
)
R
R
1
(
V
V
−
×
+
×
=
Input Voltage
Device
Standby Power
Output Voltage
Power output
Transformer
Topology
85-264VAC
ACT364
150mW
5V
5W
EPC13
Flyback
Figure 1:
Schematic of Charger
L=41.3mm
W=28.1mm
H=13.2mm
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com