Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc ACT36X Datasheet HTML 12Page - Active-Semi, Inc ACT36X Datasheet HTML 13Page - Active-Semi, Inc ACT36X Datasheet HTML 14Page - Active-Semi, Inc ACT36X Datasheet HTML 15Page - Active-Semi, Inc ACT36X Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
-12-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT334 5V/700MA CHARGER
Operation and Application
Figure 1 is the schematic of an offline charger
using ACT334 to provide output power of
5V/700mA. This circuit is a typical flyback power
supply which includes the AC rectified circuit
(D1,D2,D3,D4,C1,L1, C2),power drive circuit (BD
pin, Q1), secondary rectified circuit (D8, C5,C6)
and the IC control circuit. ACT334 is a Primary
Side Regulator (PSR) so that the power supply
unit can regulate current and voltage without
Opto-coupler. Pin 4 and Pin 2 are the VDD and
ground pins to provide power for the IC. Pin 3 is
the base drive for the NPN transistor. Pin 1 is the
switching pin. Pin 5 is the feedback pin that
senses the output current and output voltage. Pin
6 is the peak current sense pin. Resistance of
R10 determines the output DC cord compensa-
tion percentage.
This circuit can be used as universal charger for
Cell Phones, PDAs, MP3,Portable Media Play-
ers, DSCs, and Other Portable Devices and Ap-
pliances.
Key Component Selection
The maximum output current is decided by for-
mula(1).
Lp is the transformer inductance value, Rcs is the
current sense resistor, which is shown as R9 in
the schematic. Fsw is the switching frequency,
which design value is 75kHz. η is the overall sys-
tem efficiency, which value is approximately
equal to 70%. Voutcc is the output voltage, which
setting is through the flyback voltage of auxiliary
winding and the feedback resistor R5, R6 as
shown in formula (2).
Np/Ns/Naux (147/9/24) must be designed cor-
rectly to ensure it operates in DCM in all condi-
tions. A design value Voutcc equal to 5V and
Ioutcc_min equal to 700mA are used to do the
design. Ns and Naux are number of turns of sec-
ondary and auxiliary of the transformer. VSEC_R
is the forward voltage drop of the output rectifier
diode at approximately 0.1A bias. The peak cur-
rent limit is set by (0.396×0.9)/Rcs
)
V
F
(
)
R
396
.
0
*
9
.
0
(
L
2
1
I
OUTCC
SW
2
CS
P
OUTCC
×
×
×
×
=
η
R
_
SEC
AUX
S
6
5
REF
OUTCC
V
N
N
)
R
R
1
(
V
V
−
×
+
×
=
Input Voltage
Device
Standby Power
Output Voltage
Power output
Transformer
Topology
85-264VAC
ACT334
30mW
5V
3.5W
EPC13
Flyback
Figure 1:
Schematic of Charger
L=41.3mm
W=28.1mm
H=13.2mm
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com