Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc ACT36X Datasheet HTML 12Page - Active-Semi, Inc ACT36X Datasheet HTML 13Page - Active-Semi, Inc ACT36X Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
-10-
R
_
SEC
AUX
S
6
5
REF
OUTCC
V
N
N
)
R
R
1
(
V
V
−
×
+
×
=
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT366 12V/1000MA CHARGER
Operation and Application
Figure 1 is the schematic of an offline charger
using ACT366YH to provide output power of
12V1000mA. This circuit is a typical flyback
power supply which includes the AC rectified cir-
cuit (BD1,C1, C2),power drive circuit (BD pin,
Q1), secondary rectified circuit (D8, C5,C6) and
the IC control circuit. ACT366YH is a Primary
Side Regulator (PSR) so that the power supply
unit can regulate current and voltage without
Opto-coupler. Pin 6 and Pin 2,4,7 are the VDD
and ground pins to provide power for the IC. Pin
8 is the base drive for the NPN transistor. Pin 1 is
the switching pin. Pin 5 is the feedback pin that
senses the output current and output voltage. Pin
3 is the peak current sense pin. Resistance of
R10 determines the output DC cord compensa-
tion percentage. This circuit can be used as uni-
versal
charger
for
Cell
Phones,PDAs,
MP3,Portable Media Players, Shaver, DSCs, and
Other Portable Devices and Appliances.
Key Component Selection
The maximum output current is decided by for-
mula (1).
Lp is the transformer inductance value, Rcs is the
current sense resistor, which is shown as R9 I
the schematic. Fsw is the switchin frquency,which
design value is 75kHz.
η is the overall system
efficiency, which value is approximately equal to
70%. Voutcc is the output voltage, which setting
is through the flyback voltage of auxiliary winding
and the feedback resistor R5, R6 as shown in
formula (2).
Np/Ns/Naux (96/9/12) must be designed correctly
to ensure it operates in DCM in all conditions. A
design value Voutcc equal to 12V and Ioutcc_min
equal to 1000mA are used to do the design. Ns
and Naux are number of turns of secondary and
auxiliary of the transformer. VSEC_R is the for-
ward voltage drop of the output rectifier diode at
approximately 0.1A bias. The peak current limit is
set by (0.396×0.9)/Rcs.
)
V
F
(
)
R
396
.
0
*
9
.
0
(
L
2
1
I
OUTCC
SW
2
CS
P
OUTCC
×
×
×
×
=
η
Input Voltage
Device
Standby Power
Output Voltage
Power output
Transformer
Topology
85-264VAC
ACT366HY
150mW
12V
12W
EE20
Flyback
Figure 1:
Schematic of Charger
L=45.8mm
W=33.3mm
H=22.4mm
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com