Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 3Page - Active-Semi, Inc ACT36X Datasheet HTML 4Page - Active-Semi, Inc ACT36X Datasheet HTML 5Page - Active-Semi, Inc ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
-7-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT364 5V/1000MA CHARGER
Bill of Materials
Transformer Specitication
Build up
Note:1.SH1,SH2 are shielding; P1 & P2 are primary and S1 is
secondary.(Bobbin:EPC13)
Electrical specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and
secondary
3000Vac
2
P1 Inductance
Inductance between pins 1 and 4 at
1Vac & 1kHz
1.75mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 1 and 4 with
pins 2-3 and 6-10 shorted
75µH
PCB Top and Bottom Layers
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
CC/CV CURVE
EVALUATION KITS
Vin
Vo
Io
ACT364_00_1
85-264Vac
4.75-5.25V
1000-1300mA
Wind-
ing
Terminal
Turns
Wire
Insulation
Start
Fin-
ish
Type
Size*QTY
Layer
Thick/Wide
Lay
er
P1
4
-->
49
2UEW
0.12Φ*1
1
0.025*8.5W
<
--
<
--
49
2UEW
0.12Φ*1
1
0.025*8.5W
-->
1
49
2UEW
0.12Φ*1
1
0.025*8.5W
SH1
2
NC
49
2UEW
0.12Φ*1
1
0.025*8.5W
P2
2
3
24
2UEW
0.12Φ*1
1
0.025*8.5W
1
S1
10
6
9
TEX-E
0.40Φ*1
1
0.025*8.5W
2
SH2
2
Core
1
3
REF
DESCRIPTION
MFTR
C1
Capacitor, Electrolytic, 4.7µF/400V,8 ×12mm
Koshin
C2
Capacitor, Electrolytic, 6.8µF/400V,8 ×12mm
Koshin
C3
Capacitor, Ceramic,1000pF/500V,1206,SMD
POE
C4
Capacitor, Ceramic,4.7uF/35V,0805,SMD
POE
C5,C6
Capacitor, Solid, 330µF/6.3V, 6.3 ×9mm
KSC
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
POE
BD1
Bridge,B6S,600V/0.5A,MDI,SMD
PANJIT
D5,D6
Diode, Ultra Fast, RS1M,1000V/1.0A, SMA
Good-Ark
D8
Diode, Schottky, 40V/3A, SK34, SMB
Good-Ark
L1
Axial Inductor, 1.5mH, 0410, DIP
Amode Tech
Q1
Transistor, NPN, 700V,1.5A, D13003, TO-251AB
Huawei
PCB1
PCB, L*W*T=42x28 x1.0mm, FR-4,Rev:ACT364_00_1
Jintong
FR1
Fusible Resistor, 1W, 10Ω, 5%
TY-OHM
R1,R4
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R2
Chip Resistor, 470Ω, 0805, 5%
TY-OHM
R3
Chip Resistor, 750k Ω, 0805, 5%
TY-OHM
R5
Chip Resistor, 61k Ω, 0805, 1%
TY-OHM
R6
Chip Resistor, 11. 8kΩ, 0805, 1%
TY-OHM
R7,R8
Chip Resistor, 5.1MΩ, 0805, 5%
TY-OHM
R9
Chip Resistor, 1.07Ω, 1206, 1%
TY-OHM
R10
Chip Resistor, 162k, 0805, 5%
TY-OHM
R11
Chip Resistor, 1.1k, 0805, 5%
TY-OHM
R13
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
R14
Bead, GZ2012D121,0805
KC
T1
Transformer, LP = 1.75mH±7%, EPC13
U1
IC, ACT364US-T, SOT23-6
Active-Semi
0.00
20.00
40.00
60.00
80.00
100.00
120.00
90
115
230
264
Input Voltage (VAC)
Standby Power Vs Input Voltage
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0
100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400
Output Current(mA)
V-I Characteristic Vs Vin(25℃)
90V
115V
230V
264V
High limit
Low limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com