Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT36X Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 5Page - Active-Semi, Inc ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc ACT36X Datasheet HTML 10Page - Active-Semi, Inc ACT36X Datasheet HTML 11Page - Active-Semi, Inc ACT36X Datasheet HTML 12Page - Active-Semi, Inc ACT36X Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
-9-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT365 5V/2100MA CHARGER
Bill of Materials
REF
DESCRIPTION
MFTR
C1, C2
Capacitor, Electrolytic, 10µF/400V, 10×16mm
KSC
C3
Capacitor, Ceramic,1000pF/500V,1206,SMD
POE
C4
Capacitor, Ceramic, 10µF/35V,1206,SMD
KSC
C5
Capacitor, Electrolytic, 1000µF/6.3V, 8 ×16mm
KSC
C6
Capacitor, Electrolytic, 820µF/6.3V, 6.3 × 16mm
KSC
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
POE
CY1
Safety Y1,Capacitor,1000pF/400V,Dip
UXT
BD1
Bridge Rectifier,D1010S,1000V/1.0A,SDIP
PANJIT
D5
Fast Recovery Rectifier, RS1M,1000V/1.0A, RMA
PANJIT
D6
Fast Recovery Rectifier,RS1D,200V/1.0A,SMA
PANJIT
D8
Diode, Schottky, 45V/10A, S10U45S, SMD
Diodes
L1
Choke Coil, 1.5mH, ¢6x8mm, DIP
Amode
Q1
Transistor, NPN, 700V,D13005,TO-126
Huawei
F1
Fuse:1A 250V 3.6*10mm With Pigtail, ceramic tube
walter
R1
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R2
Chip Resistor, 300k,1206, 5%
TY-OHM
R3
Chip Resistor, 390Ω,1206, 5%
TY-OHM
R4
Chip Resistor, 15Ω, 0805, 5%
TY-OHM
R5
Chip Resistor, 80.6k,0805, 1%
TY-OHM
R6
Chip Resistor,19.1k,0805, 1%
TY-OHM
R7
Chip Resistor, 10MΩ, 1206, 5%
TY-OHM
R9
Chip Resistor, 0.65Ω,1206, 1%
TY-OHM
R10
Chip Resistor, 162k,0805, 5%
TY-OHM
R11
Chip Resistor, 1.1k, 0805, 5%
TY-OHM
R13
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
T1
Transformer, LP = 1.25mH±7%, EPC17
USB
Double-layer USB Rev:A
U1
IC, ACT365SH-T, SOP-8
ACT
S/H1
AL HeatSink, LxWxH=7.5x17x2.0mm
PCB1
PCB, L*W*T=40x28.1x1.6mm,Cem-1,Rev:A
Jintong
Transformer Specitication
Build up
Wind-
ing
Terminal
Turns
Wire
Insulation
Start
Finish
Type
Size*QTY
Layer
Thick/Wide
Layer
P1
2
3
74
2UEW
0.22Φ*1
1
0.025*8.5W
2
SH1
-->
4
0.9
Copper
0.7mm
1
0.025*8.5W
2
S1
B
A
8
TEX-E
0.75Φ*1
1
0.025*8.5W
2
P2
5
4
18
2UEW
0.14¢*3
1
0.025*8.5W
2
P3
3
1
36
2UEW
0.22¢*1
1
0.025*8.5W
2
SH2
4
core
3
Copper
wire
0.15Φ*1
1
0.025*8.5W
5
Note:1.SH1,SH2 are shielding; P1, P2 are primary and S1 is
secondary.(Bobbin:EPC17)
Electrical Specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and secon-
dary
3000Vac
2
P1 Inductance
Inductance between pins 1 and 3 at 1Vac
& 1kHz
1.25mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 1 and 3 with
pins 4-5 and A-B shorted
75µH
PCB Top and Bottom Layers
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
EVALUATION KITS
Vin
Vo
Io
ACT365-01
85-264Vac
4.75-5.25V
>2100mA
S1
A
P2
5
4
P1
3
2
B
NC
1
Pin4(SH2)
Reverse
Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com