Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 23Page - Infineon Technologies AG TLE7232GS Datasheet HTML 24Page - Infineon Technologies AG TLE7232GS Datasheet HTML 25Page - Infineon Technologies AG TLE7232GS Datasheet HTML 26Page - Infineon Technologies AG TLE7232GS Datasheet HTML 27Page - Infineon Technologies AG TLE7232GS Datasheet HTML 28Page - Infineon Technologies AG TLE7232GS Datasheet HTML 29Page - Infineon Technologies AG TLE7232GS Datasheet HTML 30Page - Infineon Technologies AG TLE7232GS Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Field
Bits
Type
Description
CMD
ADDR
DATA
Field
Bits
Type
Description
CHn
(n = 7-0)
Data Sheet
27
Rev. 1.0, 2007-12-18
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
5.4.5
SPI Protocol
The SPI protocol of the SPIDER - TLE7232GS provides two types of registers. The control registers and the
diagnosis registers. After power-on reset, all register bits set to default values.
SI
Reset Value: xxxxH
15
14
13
12
11
10
9876
5432
10
CMD
0
0
0
ADDR
DATA
15:14
Command
00
Diagnosis only: The requested data is shifted out at SO. This
command does not change any register setting.
01
Read register: The register content of the addressed register will
be sent in the next frame.
10
Reset registers: All registers are reset to their default values.
11
Write register: The data of the SI word will be written to the
addressed register.
10:8
Address
Pointer to register for read and write command
7:0
Data
Data written to or read from register selected by address ADDR
SO
Standard Diagnosis
Reset Value: xxxxH
15
14
13
12
11
10
9876
5432
10
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
(2n+1):2n
Standard Diagnosis for Channel n
00
Short circuit to GND
01
Open load
10
Overload, overtemperature
11
Normal operation
SO
Second Frame of Read Command
Reset Value: xxxxH
15
14
13
12
11
10
9876
5432
10
0
1
0
0
0
ADDR
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com