Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7232GS Datasheet HTML 1Page - Infineon Technologies AG TLE7232GS Datasheet HTML 2Page - Infineon Technologies AG TLE7232GS Datasheet HTML 3Page - Infineon Technologies AG TLE7232GS Datasheet HTML 4Page - Infineon Technologies AG TLE7232GS Datasheet HTML 5Page - Infineon Technologies AG TLE7232GS Datasheet HTML 6Page - Infineon Technologies AG TLE7232GS Datasheet HTML 7Page - Infineon Technologies AG TLE7232GS Datasheet HTML 8Page - Infineon Technologies AG TLE7232GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PG-SSOP-24-6
Type
Package
Marking
SPIDER - TLE7232GS
PG-SSOP-24-6
TLE7232GS
Data Sheet
3
Rev. 1.0, 2007-12-18
SPI Driver for Enhanced Relay Control
Eight Channel Low-Side Switch
SPIDER - TLE7232GS
1Product Summary
Features
Table 1
Product Summary
Supply voltage
Supply voltage for SO buffer
On-State Resistance at 150
°C
Nominal load current
Overload current limitation
Power supply reset current (quiscent current)
Output leakage current per channel at 25
°C
Drain to source clamping voltage
SPI clock frequency
•
16 bit SPI for diagnostics and control
•
SPI providing daisy chain capability
•
3.3 V and 5 V compatible SPI
•
3 input pins offers complete flexibility for PWM operation
•
Stable behavior at undervoltage
•
Green Product (RoHS compliant)
•
AEC Qualified
V
DD
4.5 … 5.5 V
V
VSO
3.0 … 5.5 V
R
DS(ON, max)
2.1
Ω
I
L(nom, min)
240 mA
I
DS(LIM, min)
1 A
I
DD(RST, max)
5
µA
I
DS(OFF, max)
1
µA
V
DS(CL, min)
48 V
f
SCLK(max)
5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com