Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 15Page - Infineon Technologies AG TLE7232GS Datasheet HTML 16Page - Infineon Technologies AG TLE7232GS Datasheet HTML 17Page - Infineon Technologies AG TLE7232GS Datasheet HTML 18Page - Infineon Technologies AG TLE7232GS Datasheet HTML 19Page - Infineon Technologies AG TLE7232GS Datasheet HTML 20Page - Infineon Technologies AG TLE7232GS Datasheet HTML 21Page - Infineon Technologies AG TLE7232GS Datasheet HTML 22Page - Infineon Technologies AG TLE7232GS Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Pos.
Parameter
Symbol
Field
Bits
Type
Description
OVLn
(n = 7-0)
Field
Bits
Type
Description
OVTn
(n = 7-0)
Data Sheet
19
Rev. 1.0, 2007-12-18
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
5.2.4
Electrical Characteristics
5.2.5
Command Description
Electrical Characteristics: Protection Functions
V
DD = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified); typical values:
V
DD = 5.0 V, Tj = 25 °C
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Overload Protection
5.2.1
Overload current limitation
I
D(lim)
1–
2A
OVL = 0
5.2.2
Overload shut-down delay time
t
d(off)
10
–
50
µs
OVL = 1
Overtemperature Protection
5.2.3
Overtemperature shut-down
threshold
T
j(OT)
170
–
200
°C
1)
1) Not subject to production test, specified by design.
5.2.4
Thermal hysteresis
∆T
j(OT)
–10
–K
1)
OLCR
Overload Configuration Register
Reset Value: 00H
76
54
32
10
OVL7
OVL6
OVL5
OVL4
OVL3
OVL2
OVL1
OVL0
rw
rw
rw
rw
rw
rw
rw
rw
nrw
Overload Configuration Channel n
0
Channel n limits the current in case of overload (default value).
1
Channel n shuts down in case of overload.
OTCR
Overtemperature Configuration Register
Reset Value: 00H
76
54
32
10
OVT7
OVT6
OVT5
OVT4
OVT3
OVT2
OVT1
OVT0
rw
rw
rw
rw
rw
rw
rw
rw
nrw
Overtemperature Configuration Channel n
0
Autorestart (default value)
1
Latched shut down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com