Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 18Page - Infineon Technologies AG TLE7232GS Datasheet HTML 19Page - Infineon Technologies AG TLE7232GS Datasheet HTML 20Page - Infineon Technologies AG TLE7232GS Datasheet HTML 21Page - Infineon Technologies AG TLE7232GS Datasheet HTML 22Page - Infineon Technologies AG TLE7232GS Datasheet HTML 23Page - Infineon Technologies AG TLE7232GS Datasheet HTML 24Page - Infineon Technologies AG TLE7232GS Datasheet HTML 25Page - Infineon Technologies AG TLE7232GS Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Pos.
Parameter
Symbol
Field
Bits
Type
Description
OUTn
(n = 7-0)
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Data Sheet
22
Rev. 1.0, 2007-12-18
5.3.2
Electrical Characteristics
5.3.3
Command Description
Electrical Characteristics: Diagnostic
V
DD = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified); typical values:
V
DD = 5.0 V, Tj = 25 °C
Limit Values
Unit
Conditions
Min.
Typ.
Max.
OFF State Diagnosis
5.3.1
Open load detection threshold
voltage
V
DS(OL)
V
DD - 2.5 VDD - 2
V
DD - 1.3 V
–
5.3.2
Output pull-down diagnosis current
per channel
I
D(PD)
50
90
150
µA–
5.3.3
Short to GND detection threshold
voltage
V
DS(SG)
V
DD - 3.4 VDD - 3.0 VDD - 2.6 V
–
5.3.4
Output diagnosis current for short
to GND per channel
I
D(SG)
-150
-100
-50
µA
V
DS = 0 V
5.3.5
Fault delay time
t
d(fault)
50
100
200
µs–
STA
Output Status Monitor
Reset Value: 00H
76
54
32
10
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
rr
rr
rr
rr
nr
Output Status
0
Voltage level at channel n:
V
DS > VDS(OL).
1
Voltage level at channel n:
V
DS < VDS(OL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com