Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 11Page - Infineon Technologies AG TLE7232GS Datasheet HTML 12Page - Infineon Technologies AG TLE7232GS Datasheet HTML 13Page - Infineon Technologies AG TLE7232GS Datasheet HTML 14Page - Infineon Technologies AG TLE7232GS Datasheet HTML 15Page - Infineon Technologies AG TLE7232GS Datasheet HTML 16Page - Infineon Technologies AG TLE7232GS Datasheet HTML 17Page - Infineon Technologies AG TLE7232GS Datasheet HTML 18Page - Infineon Technologies AG TLE7232GS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
15
Rev. 1.0, 2007-12-18
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Note: Characteristics show the deviation of parameter at the given supply voltage and junction temperature.
Typical values show the typical parameters expected from manufacturing.
Reset
5.1.14
L level of pin RST
V
RST(L)
0–1V
–
5.1.15
H level of pin RST
V
RST(H)
2–
V
DD
V–
5.1.16
L-input pull-up current
through pin RST
I
RST(L)
0–10
µA
V
RST = 1 V
5.1.17
H-input pull-up current
through pin RST
I
RST(H)
20
50
100
µA
V
RST = 2 V
Timings
5.1.18
Power-on wake-up time
t
wu(PO)
––200
µs–
5.1.19
Reset duration
t
RST(L)
10
–
–
µs–
5.1.20
Turn-on time
V
DS = 20% Vbat
t
ON
–
–
–
–
15
60
µs
V
bat = 14 V
I
DS = 500 mA,
resistive load
SLE = 0
SLE = 1
5.1.21
Turn-off time
V
DS = 80% Vbat
t
OFF
–
–
–
–
15
60
µs
V
bat = 14 V
I
DS = 500 mA,
resistive load
SLE = 0
SLE = 1
1) Not subject to production test, specified by design.
Electrical Characteristics: Power Stages (cont’d)
T
j = -40 °C to 150 °C; VDD = 4.5 V to 5.5 V (unless otherwise specified); all voltages with respect to ground, positive
current flowing into pin; typical values:
V
DD = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com