Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 8Page - Infineon Technologies AG TLE7232GS Datasheet HTML 9Page - Infineon Technologies AG TLE7232GS Datasheet HTML 10Page - Infineon Technologies AG TLE7232GS Datasheet HTML 11Page - Infineon Technologies AG TLE7232GS Datasheet HTML 12Page - Infineon Technologies AG TLE7232GS Datasheet HTML 13Page - Infineon Technologies AG TLE7232GS Datasheet HTML 14Page - Infineon Technologies AG TLE7232GS Datasheet HTML 15Page - Infineon Technologies AG TLE7232GS Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
channel 7
channel 6
channel 5
channel 4
InputLogic_GS .emf
IN2
IIN
IN3
I
IN
IN0
IIN
channel 3
&
OR
OUT3
BOL3
MAP3
gate
control
SLE3
MAP0
OUT0
BOL0
SLE0
channel 1
&
OR
MAP1
OUT1
BOL1
gate
control
SLE1
MAP0
OUT0
BOL0
SLE0
channel 2
&
OR
MAP2
OUT2
BOL2
gate
control
SLE2
MAP0
OUT0
BOL0
SLE0
channel 0
&
OR
MAP0
OUT0
BOL0
gate
control
SLE0
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Data Sheet
12
Rev. 1.0, 2007-12-18
5.1.2
Input Circuit
There are three input pins available at SPIDER - TLE7232GS to control the output stages.
Figure 4
Input Mapping and Boolean Operator
The input signal of IN3 can be configured to be used as control signal of the output stages for each channel
separately. The channels 0 to 2 differ from the channels 3 to 7 in the mapping behavior.
IN0 is a direct input to channel Out0, while IN2 is a direct input to Out2.
OUT0 can be switched with the SPI Flag MAP0 to the mappable input IN3, default is IN0.
OUT2 can be switched with the SPI Flag MAP2 to the mappable input IN3, default is IN2.
OUT3 is controlled by default with IN3, but IN3 can be programmed to each channel.
Therefore after power up the inputs are always mapped to their corresponding outputs.
Please refer to Figure 4 for details.
The current sink to ground at the input pins ensures that the channels switch off in case of open pin. The zener
diode protects the input circuit against ESD pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com