Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 10Page - Infineon Technologies AG TLE7232GS Datasheet HTML 11Page - Infineon Technologies AG TLE7232GS Datasheet HTML 12Page - Infineon Technologies AG TLE7232GS Datasheet HTML 13Page - Infineon Technologies AG TLE7232GS Datasheet HTML 14Page - Infineon Technologies AG TLE7232GS Datasheet HTML 15Page - Infineon Technologies AG TLE7232GS Datasheet HTML 16Page - Infineon Technologies AG TLE7232GS Datasheet HTML 17Page - Infineon Technologies AG TLE7232GS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Data Sheet
14
Rev. 1.0, 2007-12-18
5.1.5
Electrical Characteristics
Electrical Characteristics: Power Stages
T
j = -40 °C to 150 °C; VDD = 4.5 V to 5.5 V (unless otherwise specified); all voltages with respect to ground, positive
current flowing into pin; typical values:
V
DD = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Power Supply
5.1.1
Power supply voltage
V
DD
4.5
–
5.5
V
–
5.1.2
Power supply current
I
DD(ON)
–35mA
all channels ON
5.1.3
Power supply reset current
I
DD(RST)
––5
µA
V
RST = 0 V
V
IN = 0 V
V
SCLK = 0 V
V
SI = 0 V
V
CS = VDD
5.1.4
Power-on reset threshold
voltage
V
DD(PO)
––4.5
V
–
Output Characteristics
5.1.5
On-State resistance per
channel
R
DS(ON)
–1.0
1.2
2.1
Ω
T
j = 25 °C
1)
T
j = 150 °C
I
L = 500 mA
V
DD = 5 V
5.1.6
Nominal load current
I
L(nom)
240
––mA
1)
all channels ON
based on
R
thJA = 64 K/W
R
DS(ON) = 2.1 Ω
T
A = 85 °C
T
j,max = 150 °C
5.1.7
Output leakage current in
stand-by mode (per
channel)
I
D(RST)
–
–
–
–
–
–
1
2
5
µA
V
DS = 13.5 V
T
j = 25 °C
1)
T
j = 125 °C
T
j = 150 °C
1)
5.1.8
Output clamping voltage
V
DS(CL)
48
–
60
V
–
Input Characteristics
5.1.9
L level of pin IN
V
IN(L)
0–1.0
V
–
5.1.10
H level of pin IN
V
IN(H)
2.0
–
V
DD
V–
5.1.11
Input voltage hysteresis at
pin IN
∆V
IN
–0.1
–V
1)
5.1.12
L-input pull-down current
through pin IN
I
IN(L)
10
–
100
µA
1)
V
IN = 1 V
5.1.13
H-input pull-down current
through pin IN
I
IN(H)
20
50
100
µA
V
IN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com