Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 21Page - Infineon Technologies AG TLE7232GS Datasheet HTML 22Page - Infineon Technologies AG TLE7232GS Datasheet HTML 23Page - Infineon Technologies AG TLE7232GS Datasheet HTML 24Page - Infineon Technologies AG TLE7232GS Datasheet HTML 25Page - Infineon Technologies AG TLE7232GS Datasheet HTML 26Page - Infineon Technologies AG TLE7232GS Datasheet HTML 27Page - Infineon Technologies AG TLE7232GS Datasheet HTML 28Page - Infineon Technologies AG TLE7232GS Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
CS
SCLK
SI
t
CS(lead)
t
CS(td)
t
CS(lag)
tSCLK(H)
tSCLK(L)
tSCLK(P)
tSI(su)
tSI(h)
SO
tSO(v)
tSO(dis)
0.7Vdd
0.2V
dd
0.7V
dd
0.2V
dd
0.7V
dd
0.2Vdd
0.7V
dd
0.2V
dd
SPI Timing.emf
Data Sheet
25
Rev. 1.0, 2007-12-18
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
5.4.3
Timing Diagrams
Figure 15
Timing Diagram
5.4.4
Electrical Characteristics
Electrical Characteristics: SPI
V
DD = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified); typical values:
V
DD = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Power Supply
5.4.1
Power supply voltage for SO buffer
V
VSO
3.0
–
5.5
V
–
Input Characteristics (CS, SCLK, SI)
5.4.2
L level of pin
CS
SCLK
SI
V
CS(L)
V
SCLK(L)
V
SI(L)
0–
1V
–
5.4.3
H level of pin
CS
SCLK
SI
V
CS(H)
V
SCLK(H)
V
SI(H)
2–
V
DD
V–
5.4.4
L-input pull-up current through CS
I
CS(L)
10
20
50
µA
V
CS = 0 V
5.4.5
H-input pull-up current through CS
I
CS(H)
5–
50
µA
1)
V
CS = 2 V
5.4.6
L-input pull-down current through
pin
SCLK
SI
I
SCLK(L)
I
SI(L)
5
5
–
–
50
50
µA
1)
V
SCLK = 1 V
V
SI = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com