Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 6Page - Infineon Technologies AG TLE7232GS Datasheet HTML 7Page - Infineon Technologies AG TLE7232GS Datasheet HTML 8Page - Infineon Technologies AG TLE7232GS Datasheet HTML 9Page - Infineon Technologies AG TLE7232GS Datasheet HTML 10Page - Infineon Technologies AG TLE7232GS Datasheet HTML 11Page - Infineon Technologies AG TLE7232GS Datasheet HTML 12Page - Infineon Technologies AG TLE7232GS Datasheet HTML 13Page - Infineon Technologies AG TLE7232GS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Pos.
Parameter
Symbol
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
General Product Characteristics
Data Sheet
10
Rev. 1.0, 2007-12-18
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
ESD Susceptibility
4.1.16
ESD capability of all pins versus GND
V
ESD
-2
2
kV
HBM5)
1) Not subject to production test, specified by design.
2)
V
DD + 0.3 V < 5.5 V
3) Details on configuration of protective function OLCR.OVL can be found in Section 5.2.5
4) Pulse shape represents inductive switch off:
I
D(t) = ID(0) × (1 - t / tpulse); 0 < t < tpulse
5) ESD susceptibility, HBM according to EIA/JESD 22-A114B
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.2.17
Junction to Solder Point
R
thJSP
–
–
25
K/W
pin 1, 2, 11, 121)
1) Specified
R
thJSP value is simulated at natural convection on a cold plate setup (all pins are fixed to ambient temperature).
T
a = 25 °C. LS0 to LS7 are dissipating 1 W power (0.125 W each).
4.2.18
Junction to Ambient
(1s0p+600mm2 Cu)
R
thJA
–64
–K/W
1)2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-3 at natural convection on FR4 1s0p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper area of 600mm2
and 70
µm thickness. T
a = 25 °C, LS0 to LS7 are dissipating 1 W power (0.125 W each).
4.2.19
Junction to Ambient (2s2p)
R
thJA
–55
–K/W
1)3)
3) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
µm Cu, 2 x 35 µm Cu).
T
a = 25 °C, LS0 to LS7 are dissipating 1 W power (0.125 W each).
Absolute Maximum Ratings (cont’d)1)
T
j = -40 °C to 150 °C; VDD = 4.5 V to 5.5 V; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com