Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7232GS Datasheet HTML 1Page - Infineon Technologies AG TLE7232GS Datasheet HTML 2Page - Infineon Technologies AG TLE7232GS Datasheet HTML 3Page - Infineon Technologies AG TLE7232GS Datasheet HTML 4Page - Infineon Technologies AG TLE7232GS Datasheet HTML 5Page - Infineon Technologies AG TLE7232GS Datasheet HTML 6Page - Infineon Technologies AG TLE7232GS Datasheet HTML 7Page - Infineon Technologies AG TLE7232GS Datasheet HTML 8Page - Infineon Technologies AG TLE7232GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Product Summary
Data Sheet
4
Rev. 1.0, 2007-12-18
Protective Functions
•
Short circuit protection
•
Overload protection, configurable behavior (limitation or shutdown)
•
Thermal shutdown, configurable behavior (latch or restart)
•
Electrostatic discharge protection (ESD)
Diagnostic Functions
•
Diagnostic information via SPI
•
Open load detection in OFF-state
•
Shorted to GND detection in OFF-state
•
Overtemperature in ON-state
•
Overload in ON-state
Applications
•
Especially designed for driving relays in automotive applications
•
All types of capacitive, resistive and inductive loads
Description
The SPIDER - TLE7232GS is an eight channel low-side relay switch (typ. 1.0
Ω per channel) in PG-SSOP-24-6
package providing embedded protective functions. The 16 bit serial peripheral interface (SPI) is utilized for control
and diagnosis of the device and the loads. The SPI interface provides daisy-chain capability in order to assemble
multiple devices in one SPI chain by using the same number of micro-controller pins.
The SPIDER - TLE7232GS is equipped with three input pins that can be individually routed to the output control
of some channels (please refer to Section 5.1.2 for details) thus offering complete flexibility in design and PCB-
layout. The input mapping as well as the boolean operation between input signal an output control signal is
configured via SPI.
The device provides full diagnosis of the load, which is open load, short to GND as well as short circuit to
V
bat
detection and overload / overtemperature indication. The SPI diagnosis flags indicate latched fault conditions that
may have occurred.
Each output stage is protected against short circuit. In case of overload, the current of the affected channel is
limited. There is a temperature sensor available for each channel to protect the device in case of overtemperature.
The shut down behavior in case of overload or overtemperature can be configured via SPI for each channel
individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com