Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232GS Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 24Page - Infineon Technologies AG TLE7232GS Datasheet HTML 25Page - Infineon Technologies AG TLE7232GS Datasheet HTML 26Page - Infineon Technologies AG TLE7232GS Datasheet HTML 27Page - Infineon Technologies AG TLE7232GS Datasheet HTML 28Page - Infineon Technologies AG TLE7232GS Datasheet HTML 29Page - Infineon Technologies AG TLE7232GS Datasheet HTML 30Page - Infineon Technologies AG TLE7232GS Datasheet HTML 31Page - Infineon Technologies AG TLE7232GS Datasheet HTML 32Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Field
Bits
Type
Description
ADDR
DATA
Name
W/R
Addr
7
6
5
4
3
2
1
0
Default1)
IMCR
BOCR
OLCR
OTCR
SRCR
STA
CTL
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Data Sheet
28
Rev. 1.0, 2007-12-18
Note: Reading a register needs two SPI frames. In the first frame the RD command is sent. In the second frame
the output at SPI signal SO will contain the requested information. A new command can be executed in the
second frame.
5.4.6
Register Overview
Due to the default value of the mapping register the IN3 is mapped to OUT3 after power up.
10:8
Address
Pointer to register for read and write command
7:0
Data
Data written to or read from register selected by address ADDR
1) The default values are set after reset.
W/R
001B
MAP7
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0
08H
W/R
010B
BOL7
BOL6
BOL5
BOL4
BOL3
BOL2
BOL1
BOL0
00H
W/R
011B
OVL7
OVL6
OVL5
OVL4
OVL3
OVL2
OVL1
OVL0
00H
W/R
100B
OVT7
OVT6
OVT5
OVT4
OVT3
OVT2
OVT1
OVT0
00H
W/R
101B
SLE7
SLE6
SLE5
SLE4
SLE3
SLE2
SLE1
SLE0
00H
R110B
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
00H
W/R
111B
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com