Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 29Page - Texas Instruments AMC7832IPAP Datasheet HTML 30Page - Texas Instruments AMC7832IPAP Datasheet HTML 31Page - Texas Instruments AMC7832IPAP Datasheet HTML 32Page - Texas Instruments AMC7832IPAP Datasheet HTML 33Page - Texas Instruments AMC7832IPAP Datasheet HTML 34Page - Texas Instruments AMC7832IPAP Datasheet HTML 35Page - Texas Instruments AMC7832IPAP Datasheet HTML 36Page - Texas Instruments AMC7832IPAP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
ALARM STATUS 0
0x70
RESERVED
RESERVED
RESERVED
LV_ADC16 Alarm
LV_ADC15 Alarm
LV_ADC14 Alarm
LV_ADC13 Alarm
LV_ADC12 Alarm
ALARM STATUS 1
0x71
RESERVED
RESERVED
RESERVED
RESERVED
ALARMIN
Alarm
Die Temperature Alarm
Temp. Sensor High Alarm
Temp. Sensor Low Alarm
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
GALR
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.3.2.4 Programmable Out-of-Range Alarms
The AMC7832 is capable of continuously analyzing the 5 external unipolar inputs and internal temperature
sensor conversion results for normal operation.
Normal operation is established through the Lower and Upper Threshold registers (address 0x80 – 0x97). When
any of the monitored inputs is out of the specified range, an alarm event is issued and the global alarm bit, GALR
in the General Status register (0x72) is set. Details on the source of the alarm event can be determined through
the Alarm Status registers (0x70 – 0x71).
The ALARM-LATCH-DIS bit in the ALARMOUT Source 1 register (address 0x1D) sets the latching behavior for
all alarms (except for the ALARMIN alarm which is always unlatched). When the ALARM-LATCH-DIS bit is
cleared to ‘0’ the alarm bits in the Alarm Status registers are latched. The alarm bits are referred to as being
latched because they remain set until read by software. This design ensures that out-of-limit events cannot be
missed if the software is polling the device periodically. The alarm bits are cleared when their corresponding
Alarm Status register is read, and are reasserted if the out-of limit condition still exists on the next monitoring
cycle, unless otherwise noted. When the ALARM-LATCH-DIS bit is set to ‘1’, the alarm bits are not latched. The
alarm bits in the Alarm Status registers go to '0' when the error condition subsides, regardless of whether the bit
is read or not.
Figure 47. AMC7832 Alarm Status Register
All of the alarms can be set to activate the ALARMOUT terminal. The GPIO1/ALARMOUT terminal must be
configured accordingly in the GPIO Configuration register (address 0x12) to enable this functionality. The
ALARMOUT terminal works as an interrupt to the host so that it may query the Alarm Status registers to
determine the alarm source. Any alarm event can activate the terminal as long as the alarm is not masked in the
ALARMOUT Source registers (address 0x1C – 0x1D). When an alarm event is masked, the occurrence of the
event sets the corresponding status bit in the Alarm Status registers to '1', but does not activate the ALARMOUT
terminal.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com