Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 44 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 40Page - Texas Instruments AMC7832IPAP Datasheet HTML 41Page - Texas Instruments AMC7832IPAP Datasheet HTML 42Page - Texas Instruments AMC7832IPAP Datasheet HTML 43Page - Texas Instruments AMC7832IPAP Datasheet HTML 44Page - Texas Instruments AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments AMC7832IPAP Datasheet HTML 47Page - Texas Instruments AMC7832IPAP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Table 10. Register name: Chip ID low byte – Address: 0x04, Default: 0x32 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Chip ID Low
0x04
7:0
CHIPID-LOW
Chip ID. Low byte
0x32
Byte
Table 11. Register name: Chip ID high byte – Address: 0x05, Default: 0x0C (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Chip ID
0x05
7:0
CHIPID-HIGH
Chip ID. High byte
0x0C
High Byte
Table 12. Register name: Version ID – Address: 0x06, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Version ID
0x06
7:0
VERSIONID
AMC7832 Version ID. Subject to change.
0x00
Table 13. Register name: Manufacturer ID low byte – Address: 0x0C, Default: 0x51 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Manuf. ID
0x0C
7:0
VENDORID-LOW
Manufacturer ID. Low byte
0x51
Low Byte
Table 14. Register name: Manufacturer ID high byte – Address: 0x0D, Default: 0x04 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Manuf. ID
0x0D
7:0
VENDORID-HIGH Manufacturer ID. High byte
0x04
High Byte
8.5.3 Register Update (Buffered Registers): Address 0x0F
Table 15. Register name: Register Update – Address: 0x0F, Default: 0x00 (SELF CLEARING)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Register
0x0F
7:1
Reserved
Reserved for factory use
All zeros
Update
0
UPDATE
Update (self clearing)
0
0: disabled
1: enabled – transfers data from buffers to active registers (DAC
registers only)
44
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com