Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 51 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 47Page - Texas Instruments AMC7832IPAP Datasheet HTML 48Page - Texas Instruments AMC7832IPAP Datasheet HTML 49Page - Texas Instruments AMC7832IPAP Datasheet HTML 50Page - Texas Instruments AMC7832IPAP Datasheet HTML 51Page - Texas Instruments AMC7832IPAP Datasheet HTML 52Page - Texas Instruments AMC7832IPAP Datasheet HTML 53Page - Texas Instruments AMC7832IPAP Datasheet HTML 54Page - Texas Instruments AMC7832IPAP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.5.11 Out-Of-Range ADC Thresholds: Address 0x80 – 0x93
The unipolar analog inputs (LV_ADC12 to LV_ ADC16) and the local temperature sensor implement an out-of-
range alarm function. The Upper-Thresh and Lower-Thresh registers define the upper bound and lower bounds
for these inputs. This window determines whether the analog input or temperature is out-of-range. When the
input is outside the window, the corresponding CH-ALR-n bit in the Status Register is set to '1'. For normal
operation, the value of the upper threshold must be greater than the value of lower threshold; otherwise, an
alarm is always indicated. The analog input threshold values are specified in straight binary format while the local
temperature ones are specified in two’s complement format.
Table 39. Register name: ADCn-Upper-Thresh (low byte) – Address: 0x80 - 0x93, Default: 0xFF
(READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn
0x80 to
7:0
THRUn(7:0)
Sets 12-bit upper threshold value for the ADC_n channel in
0xFF
Upper
0x93
straight binary format.
Thresh (low)
Table 40. Register name: ADCn-Upper-Thresh (high byte) – Address: 0x80 - 0x93, Default: 0x0F
(READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn
0x80 to
7:4
Reserved
Reserved for factory use.
All zeros
Upper
0x93
3:0
THRUn(11:8)
Sets 12-bit upper threshold value for ADC_n channel in straight
0x0F
Thresh
binary format.
(high)
Table 41. Register name: ADCn-Lower-Thresh (low byte) – Address: 0x80 - 0x93, Default: 0x00
(READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn
0x80 to
7:0
THRLn(7:0)
Sets 12-bit lower threshold value for the ADC_n channel in
0x00
Lower
0x93
straight binary format.
Thresh (low)
Table 42. Register name: ADCn-Lower-Thresh (high byte) – Address: 0x80 - 0x93, Default: 0x00
(READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn
0x80 to
7:4
Reserved
Reserved for factory use.
All zeros
Lower
0x93
3:0
THRLn(11:8)
Sets 12-bit lower threshold value for ADC_n channel in straight
0x00
Thresh
binary format.
(high)
Table 43. Register name: LT-Upper-Thresh (low byte) – Address: 0x94, Default: 0xFF (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
LT Upper
0x94
7:0
THRU-LT(7:0)
Sets 12-bit upper threshold value for the local temperature
0xFF
Thresh (low)
sensor in two’s complement format.
Table 44. Register name: LT-Upper-Thresh (high byte) – Address: 0x95, Default: 0x07 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
LT Upper
0x95
7:4
Reserved
Reserved for factory use.
All zeros
Thresh
3:0
THRU-LT(11:8)
Sets 12-bit upper threshold value for the local temperature
0x07
(high)
sensor in two’s complement format.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com