Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 52 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 48Page - Texas Instruments AMC7832IPAP Datasheet HTML 49Page - Texas Instruments AMC7832IPAP Datasheet HTML 50Page - Texas Instruments AMC7832IPAP Datasheet HTML 51Page - Texas Instruments AMC7832IPAP Datasheet HTML 52Page - Texas Instruments AMC7832IPAP Datasheet HTML 53Page - Texas Instruments AMC7832IPAP Datasheet HTML 54Page - Texas Instruments AMC7832IPAP Datasheet HTML 55Page - Texas Instruments AMC7832IPAP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Table 45. Register name: LT-Lower-Thresh (low byte) – Address: 0x96, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
LT Lower
0x96
7:0
THRL-LT(7:0)
Sets 12-bit lower threshold value for the local temperature sensor
0x00
Thresh (low)
in two’s complement format.
Table 46. Register name: LT-Lower-Thresh (high byte) – Address: 0x97, Default: 0x08 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
LT Lower
0x97
7:4
Reserved
Reserved for factory use.
All zeros
Thresh
3:0
THRL-LT(11:8)
Sets 12-bit lower threshold value for the local temperature sensor
0x08
(high)
in two’s complement format.
8.5.12 Hysteresis: Address 0xA0 – 0xA5
The hysteresis registers define the hysteresis in the out-of-range alarms.
Table 47. Register name: ADCn-Hysteresis – Address: 0xA0 - 0xA4, Default: 0x08 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn
0xA0 to
7
Reserved
Reserved for factory use.
0
Hysterisis
0xA4
6:0
HYSTn(6:0)
Hysteresis of unipolar LV_ADCn, 1 LSB per step
0x08
Table 48. Register name: LT-Hysteresis – Address: 0xA5, Default: 0x08 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
LT
0xA5
7:5
Reserved
Reserved for factory use.
000
Hysterisis
4:0
HYST-LT(4:0)
Hysteresis of local temperature sensor, 1°C per step. The range
All zeros
is 0°C to 31°C.
8.5.13 Power-Down Registers: Address 0xB0 – 0xB3
Table 49. Register name: DAC Clear 0 – Address: 0xB0, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Clear
0xB0
7
CLR-C1
This register uses software to force the DAC into a clear state.
0
0
If CLRn = '1', DAC_n is forced into a clear state.
6
CLR-C0
0
If CLRn = '0', DAC_n is restored to normal operation.
5
CLR-B7
0
4
CLR-B6
0
3
CLR-A11
0
2
CLR-A10
0
1
CLR-A9
0
0
CLR-A8
0
Table 50. Register name: DAC Clear 1 – Address: 0xB1, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Clear
0xB1
7:4
Reserved
Reserved for factory use
All zeros
1
3
CLR-D5
This register uses software to force the DAC into a clear state.
0
If CLRn = '1', DAC_n is forced into a clear state.
2
CLR-D4
0
If CLRn = '0', DAC_n is restored to normal operation.
1
CLR-D3
0
0
CLR-D2
0
52
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com