Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 8Page - Texas Instruments AMC7832IPAP Datasheet HTML 9Page - Texas Instruments AMC7832IPAP Datasheet HTML 10Page - Texas Instruments AMC7832IPAP Datasheet HTML 11Page - Texas Instruments AMC7832IPAP Datasheet HTML 12Page - Texas Instruments AMC7832IPAP Datasheet HTML 13Page - Texas Instruments AMC7832IPAP Datasheet HTML 14Page - Texas Instruments AMC7832IPAP Datasheet HTML 15Page - Texas Instruments AMC7832IPAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, IOVDD = +1.8 to +5.5-V, AGND =
DGND = 0-V, AVSSA,B,C,D = 0-V (DAC groups in positive ranges) or -12-V (DAC groups in negative range), DAC output range
= 0 to 10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IAVDD
AVDD supply current
2
mA
IAVCC
AVCC supply current
2
mA
IAVSS
AVSS supply current
–5.5
mA
Power down mode
IDVDD
DVDD supply current
2
mA
IIOVDD
IOVDD supply current
12
µA
Power consumption
55
mW
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com