Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 43 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 39Page - Texas Instruments AMC7832IPAP Datasheet HTML 40Page - Texas Instruments AMC7832IPAP Datasheet HTML 41Page - Texas Instruments AMC7832IPAP Datasheet HTML 42Page - Texas Instruments AMC7832IPAP Datasheet HTML 43Page - Texas Instruments AMC7832IPAP Datasheet HTML 44Page - Texas Instruments AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments AMC7832IPAP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.5.1 Interface Configuration: Address 0x00 – 0x02
Table 6. Register name: Interface Configuration 0 – Address: 0x00, Default: 0x3C (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Interface
0x00
7
SOFT-RESET
Soft reset (self-clearing)
0
Config 0
0: no action
1: reset – resets everything except address 0x00, 0x01
6
LSB-ORDER
LSB First
0
0: MSB first
1: LSB first
5
ADDR-ASCEND
Address Ascend
1
0: Descend – decrements address while streaming (address
wrap from 0x0000 to 0x7FFF)
1: Ascend – increments address while streaming (address wrap
from 0x7FFF to 0x0000)
4
Reserved
Reserved for factory use
1
3:0
REVERSE-
Bits 3:0 should always mirror bits 7:4 so that it does not matter
0xC
CONFIG
whether the part is in MSB or LSB first mode. Bits should be set
as follows:
Bit 0 = Bit 7
Bit 1 = Bit 6
Bit 2 = Bit 5
Bit 3 = Bit 4
Table 7. Register name: Interface Configuration 1 – Address: 0x01, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Interface
0x01
7
SINGLE-INSTR
Single instruction enable
0
Config 1
0: streaming mode (default)
1: single instruction
6
Reserved
Reserved for factory use
0
5
READBACK
Read back
0
0: DAC read back from active registers (default)
1: DAC read back from buffer registers
4
Reserved
Reserved for factory use
0
3
Reserved
Reserved for factory use
0
2
Reserved
Reserved for factory use
0
1
Reserved
Reserved for factory use
0
0
Reserved
Reserved for factory use
0
Table 8. Register name: Device Configuration – Address: 0x02, Default: 0x03 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Device
0x02
7:2
Reserved
Reserved for factory use
All zeros
Config
1:0
POWER-MODE
Mode:
11
00: Normal operation – full power and full performance
11: Sleep – lowest power, non-operational except SPI One time
overwrite of the power-down registers (0xB2 and 0xB3)
8.5.2 Device Identification: Address 0x03 – 0x0D
Table 9. Register name: Chip Type – Address: 0x03, Default: 0x08 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Chip Type
0x03
7:4
Reserved
Reserved for factory use
0x0
3:0
CHIP-TYPE
Identifies the device as a precision analog monitor and control
0x8
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com