Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 46 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 42Page - Texas Instruments AMC7832IPAP Datasheet HTML 43Page - Texas Instruments AMC7832IPAP Datasheet HTML 44Page - Texas Instruments AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments AMC7832IPAP Datasheet HTML 47Page - Texas Instruments AMC7832IPAP Datasheet HTML 48Page - Texas Instruments AMC7832IPAP Datasheet HTML 49Page - Texas Instruments AMC7832IPAP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
AMC7832
SLAS836 – MARCH 2014
www.ti.com
Table 18. Register name: GPIO Configuration – Address: 0x12, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
GPIO
0x12
7:5
Reserved
Reserved for factory use
000
Config
4
Reserved
Reserved for factory use
0
3
EN-DAV
DAV terminal enable
0
0: GPIO3 operation (default)
1: DAV operation
2
EN-ADCTRIG
ADCTRIG terminal enable
0
0: GPIO2 operation (default)
1: ADCTRIG operation
1
EN-ALARMOUT
ALARMOUT terminal enable
0
0: GPIO1 operation (default)
1: ALARMOUT operation
0
EN-ALARMIN
ALARMIN terminal enable
0
0: GPIO0 operation (default)
1: ALARMIN operation
Table 19. Register name: ADC MUX Configuration 0 – Address: 0x13, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADC MUX
0x13
7
CH7
When set to ‘1’ the corresponding analog input channel ADC_n is
0
Config 0
accessed during an ADC conversion cycle.
6
CH6
0
When cleared to ‘0’ the corresponding input channel ADC_n is
5
CH5
0
ignored during an ADC conversion cycle.
4
CH4
0
3
CH3
0
2
CH2
0
1
CH1
0
0
CH0
0
Table 20. Register name: ADC MUX Configuration 1 – Address: 0x14, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADC MUX
0x14
7
CH15
When set to ‘1’ the corresponding analog input channel ADC_n is
0
Config 1
accessed during an ADC conversion cycle.
6
CH14
0
When cleared to ‘0’ the corresponding input channel ADC_n is
5
CH13
0
ignored during an ADC conversion cycle.
4
CH12
0
3
CH11
0
2
CH10
0
1
CH9
0
0
CH8
0
Table 21. Register name: ADC MUX Configuration 2 – Address: 0x15, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADC MUX
0X15
7:2
Reserved
Reserved for factory use
All zeros
Config 2
1
TEMP-CH
When set to ‘1’ the local temperature sensor is enabled for ADC
0
conversion.
When cleared to ‘0’ the local temperature sensor is ignored.
0
CH16
When set to ‘1’ the corresponding analog input channel ADC_n is
0
accessed during an ADC conversion cycle.
When cleared to ‘0’ the corresponding input channel ADC_n is
ignored during an ADC conversion cycle.
46
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com