Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 7Page - Texas Instruments AMC7832IPAP Datasheet HTML 8Page - Texas Instruments AMC7832IPAP Datasheet HTML 9Page - Texas Instruments AMC7832IPAP Datasheet HTML 10Page - Texas Instruments AMC7832IPAP Datasheet HTML 11Page - Texas Instruments AMC7832IPAP Datasheet HTML 12Page - Texas Instruments AMC7832IPAP Datasheet HTML 13Page - Texas Instruments AMC7832IPAP Datasheet HTML 14Page - Texas Instruments AMC7832IPAP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = +4.5 to +5.5-V, AVCC = +12-V, AVEE = -12-V, IOVDD = +1.8 to +5.5-V, AGND =
DGND = 0-V, AVSSA,B,C,D = 0-V (DAC groups in positive ranges) or -12-V (DAC groups in negative range), DAC output range
= 0 to 10-V for all groups, no load on the DACs, TA = -40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE SPECIFICATIONS
INTERNAL REFERENCE (Internal reference not accessable)
Initial accuracy
TA = 25°C
2.4925
2.5
2.5075
V
Reference temp. coefficient(8)
12
35 ppm/°C
REF_OUT[1-2] BUFFERS(9)
Reference buffer offset
TA = 25°C
±2.5
mV
Capacitive load stability
100
pF
INTERNAL ADC REFERENCE BUFFER
Reference buffer offset
TA = 25°C
±5
mV
GENERAL SPECIFICATIONS
DIGITAL LOGIC: GPIO
VIH
High-level input voltage
IOVDD =+1.8 to +5.5-V
0.7×IOVDD
V
IOVDD = +1.8-V
0.45
V
VIL
Low-level input voltage
IOVDD = +2.7 to +5.5-V
0.3×IOVDD
V
IOVDD = +1.8-V, Iload = -2-mA
0.4
V
VOL
Low-level output voltage
IOVDD= +5.5-V, Iload = -5-mA
0.4
V
Input impedance
To IOVDD
48
k
Ω
DIGITAL LOGIC: All Except GPIO
VIH
High-level input voltage
IOVDD = +1.8 to +5.5-V
0.7×IOVDD
V
IOVDD = +1.8-V
0.45
V
VIL
Low-level input voltage
IOVDD = +2.7 to +5.5-V
0.3×IOVDD
V
VOH
High-level output voltage
Iload = -1-mA
IOVDD-0.4
V
VOL
Low-level output voltage
Iload = +1-mA
0.4
V
High-impedance leakage
±5
µA
High-impedance output capacitance
10
pF
TIMING REQUIREMENTS
Reset delay
Delay to normal operation from reset
100
250
µs
Power-down recovery time
70
µs
Clamp shutdown delay
CL = 10nF
100
µs
Convert pulse width
20
ns
Reset pulse width
20
ns
POWER-SUPPLY REQUIREMENTS
IAVDD
AVDD supply current
10
mA
IAVCC
AVCC supply current
10
mA
IAVSS
AVSS supply current
–10
mA
No DAC load, all DACs at 800h code and
ADC at the fastest auto conversion rate
IDVDD
DVDD supply current
3
mA
IIOVDD
IOVDD supply current
15
µA
Power consumption
160
mW
(8)
Not tested during production. Specified by design and characterization.
(9)
Intended to drive the VRANGEA,B,C,D inputs only. An external buffer amplifier with high impedance input is required to drive any
additional external load.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com