Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 47 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 43Page - Texas Instruments AMC7832IPAP Datasheet HTML 44Page - Texas Instruments AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments AMC7832IPAP Datasheet HTML 47Page - Texas Instruments AMC7832IPAP Datasheet HTML 48Page - Texas Instruments AMC7832IPAP Datasheet HTML 49Page - Texas Instruments AMC7832IPAP Datasheet HTML 50Page - Texas Instruments AMC7832IPAP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Table 22. Register name: DAC Clear Enable 0 – Address: 0x18, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Clear
0x18
7
CLREN-C1
This register determines which DACs go into clear state when a
0
Enable 0
clear event is detected as configured in the DAC-CLEAR-
6
CLREN-C0
0
SOURCE registers.
5
CLREN-B7
0
If CLRENn = '1', DAC_n is forced into a clear state with a clear
event.
4
CLREN-B6
0
If CLRENn = '0', a clear event does not affect the state of
3
CLREN-A11
0
DAC_n.
2
CLREN-A10
0
1
CLREN-A9
0
0
CLREN-A8
0
Table 23. Register name: DAC Clear Enable 1 – Address: 0x19, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Clear
0x19
7:4
Reserved
Reserved for factory use
All zeros
Enable 1
3
CLREN-D5
This register determines which DACs go into clear state when a
0
clear event is detected as configured in the DAC-CLEAR-
2
CLREN-D4
0
SOURCE registers.
1
CLREN-D3
0
If CLRENn = '1', DAC_n is forced into a clear state with a clear
event.
0
CLREN-D2
0
If CLRENn = '0', a clear event does not affect the state of
DAC_n.
8.5.5 DAC Clear And ALARMOUT Source Select: Address 0x1A – 0x1D
Table 24. Register name: Register name: DAC Clear Source 0 – Address: 0x1A, Default: 0x00
(READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Clear
0x1A
7:5
Reserved
Reserved for factory use
000
Source 0
4
ADC16-ALR-CLR
This register selects which alarm forces DACs into a clear state,
0
regardless of which DAC operation mode is active, auto or
3
ADC15-ALR-CLR
0
manual. In order for DAC_n to go into clear mode, it must be
2
ADC14-ALR-CLR
0
enabled in the DAC Clear Enable registers.
1
ADC13-ALR-CLR
0
0
ADC12-ALR-CLR
0
Table 25. Register name: Register name: DAC Clear Source 1 – Address: 0x1B, Default: 0x00
(READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DAC Clear
0x1B
7:4
Reserved
Reserved for factory use
0000
Source 1
3
ALARMIN-ALR
This register selects which alarm forces DACs into a clear state,
0
regardless of which DAC operation mode is active, auto or
2
THERM-ALR
0
manual. In order for DAC_n to go into clear mode, it must be
1
LT-HIGH-ALR
0
enabled in the DAC Clear Enable registers.
0
LT-LOW-ALR
0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com