Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 39 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 35Page - Texas Instruments AMC7832IPAP Datasheet HTML 36Page - Texas Instruments AMC7832IPAP Datasheet HTML 37Page - Texas Instruments AMC7832IPAP Datasheet HTML 38Page - Texas Instruments AMC7832IPAP Datasheet HTML 39Page - Texas Instruments AMC7832IPAP Datasheet HTML 40Page - Texas Instruments AMC7832IPAP Datasheet HTML 41Page - Texas Instruments AMC7832IPAP Datasheet HTML 42Page - Texas Instruments AMC7832IPAP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
1
A14
R/W
CS
SCLK
SDI
SDO
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1
A14
R/W
CS
SCLK
SDI
SDO
A13
A12
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
2
3
4
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Addr N
Addr N +1 (ascending )
Addr N -1 (descending )
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.4 Programming
The AMC7832 is controlled through a flexible four-wire serial interface that is compatible with SPI type interfaces
used on many microcontrollers and DSP controllers. The interface provides read/write access to all registers of
the AMC7832.
Each serial interface access cycle is exactly (N+2) bytes long, where N is the number of data bytes. A frame is
initiated by asserting CS low. The frame ends when CS is deasserted high. In MSB first mode, the first bit
transferred is the R/W bit. The next 15 bits are the register address (32768 addressable registers), and the
remaining bits are data. For all writes, data is committed in bytes as the 8th data bit of a data field is clocked in
on the rising edge of SCLK. If the write access is not a multiple of 8 clocks, the trailing data bits will not be
committed. On read access, data is clocked out on the falling edge of SCLK on the SDO terminal.
The figures below show the access protocol used by the interface. Data is by default accepted as MSB (Most
Significant Bit) first but the AMC7832 can be configured to accept LSB (Least Significant Bit) first operations as
long as the LSB_Order bit in the Interface Configuration 0 register (address 0x00) is set accordingly.
Figure 53. Serial Interface Write Bus Cycle
Figure 54. Serial Interface Read Bus Cycle
For operations that require large amounts of data to be passed to or from the AMC7832, streaming mode is
supported. In streaming mode multiple bytes of data can be written to or read from the AMC7832 without
specifically providing instructions for each byte and is implemented by continually holding the CS active and
continuing to shift new data in or old data out of the device.
The instruction phase includes the starting address. The AMC7832 starts reading or writing data to this address
and continues as long as CS is asserted and single byte writes has not been enabled in the Interface
Configuration 1 register (address 0x01). The AMC7832 automatically increments or decrements the address
depending on the setting of the address ascension bit in the Interface Configuration 0 register (address 0x00).
If the address is decrementing and 0x0000 is reached, the next address used is address 0x7FFF. If the address
is incrementing and address 0x7FFF is reached, the next address used is 0x0000. Care should be taken when
writing to 0x0000 and 0x0001 as writing to these addresses may change the configuration of the serial interface.
Therefore it is advised that 0x0001 be the first address written and that streaming stops prior to reaching this
address.
The figures below show the access protocol used in streaming mode.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com