Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832IPAP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7832IPAP
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7832IPAP Datasheet(HTML) 49 Page - Texas Instruments

Back Button AMC7832IPAP Datasheet HTML 45Page - Texas Instruments AMC7832IPAP Datasheet HTML 46Page - Texas Instruments AMC7832IPAP Datasheet HTML 47Page - Texas Instruments AMC7832IPAP Datasheet HTML 48Page - Texas Instruments AMC7832IPAP Datasheet HTML 49Page - Texas Instruments AMC7832IPAP Datasheet HTML 50Page - Texas Instruments AMC7832IPAP Datasheet HTML 51Page - Texas Instruments AMC7832IPAP Datasheet HTML 52Page - Texas Instruments AMC7832IPAP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
AMC7832
www.ti.com
SLAS836 – MARCH 2014
Table 30. Register name: ADCn-Data (high byte) – Address: 0x20 - 0x41, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
ADCn Data
0x20 to
7:4
Reserved
Reserved for factory use
All zeros
(high)
0x41
3:0
ADCn-DATA
Stores the 12-bit ADC_n conversion results in straight binary
All zeros
(11:8)
format for both types of inputs channels (unipolar and bipolar).
8.5.8 DAC Data: Address 0x50 – 0x67
Table 31. Register name: DACn-Data (low byte) – Address: 0x50 - 0x67, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DACn Data
0x50 to
7:0
DACn-DATA(7:0)
Stores the 12-bit data to be loaded to the DAC_n latches in
All zeros
(low)
0x67
straight binary format. The straight binary format is used for both
DAC ranges: -10 to 0V and 0 to 10V.
Table 32. Register name: DACn-Data (high byte) – Address: 0x50 - 0x67, Default: 0x00 (READ/WRITE)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
DACn Data
0x50 to
7:4
Reserved
Reserved for factory use
All zeros
(high)
0x67
3:0
DACn-DATA
Stores the 12-bit data to be loaded to the DAC_n latches in
All zeros
(11:8)
straight binary format. The straight binary format is used for both
DAC ranges: -10 to 0V and 0 to 10V.
8.5.9 Status Registers: Address 0x70 – 0x72
The AMC7832 continuously monitors all unipolar analog inputs and local temperature sensor during normal
operation. When any input is out of the specified range N consecutive times, the corresponding alarm bit is set
('1'). If the input returns to the normal range before N consecutive times, the corresponding alarm bit remains
clear ('0'). This configuration avoids any false alarms. When an alarm status occurs, the corresponding alarm bit
is set ('1'). When the corresponding bit in the ALARMOUT Source Registers is cleared ('0'), the ALARMOUT
terminal is latched. Whenever an alarm status bit is set, it remains set until the event that caused it is resolved
and its status register is read. Reading the Alarm Status Registers clears the alarm status bits. The alarm bit can
only be cleared by reading its Alarm Status register after the event is resolved, or by hardware reset, software
reset, or power-on reset. All alarm status bits are cleared when reading the Alarm Status registers, and all these
bits are reasserted if the out-of-limit condition still exists after the next conversion cycle, unless otherwise noted.
Table 33. Register name: Register name: Alarm Status 0 – Address: 0x70, Default: 0x00 (READ ONLY)
REGISTER
DEFAULT
ADDRESS
BIT
NAME
DESCRIPTION
NAME
VALUE
Alarm
0X70
7:5
Reserved
Reserved for factory use
000
Status 0
4
ADC16-ALR
ADC16-ALR = '1' when ADC16 is out of the range defined by the
0
corresponding threshold registers. ADC16-ALR = '0' when the
analog input is not out of the specified range.
3
ADC15-ALR
ADC15-ALR = '1' when ADC16 is out of the range defined by the
0
corresponding threshold registers. ADC15-ALR = '0' when the
analog input is not out of the specified range.
2
ADC14-ALR
ADC14-ALR = '1' when ADC16 is out of the range defined by the
0
corresponding threshold registers. ADC14-ALR = '0' when the
analog input is not out of the specified range.
1
ADC13-ALR
ADC13-ALR = '1' when ADC16 is out of the range defined by the
0
corresponding threshold registers. ADC13-ALR = '0' when the
analog input is not out of the specified range.
0
ADC12-ALR
ADC12-ALR = '1' when ADC16 is out of the range defined by the
0
corresponding threshold registers. ADC12-ALR = '0' when the
analog input is not out of the specified range.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AMC7832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com