Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 38 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 38 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 40Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 41Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 42Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
610
ground plane, assuming that it is
a fairly clean ground plane. Thus,
all of the separate grounds
(HGND, GND, and ECLGND) can
be connected onto this plane. The
bypassing of VEE to ground
should be accomplished with a
capacitor (C1) of 0.1
µF and a
series resistor (R1) of 10
Ω. This
series RC network prevents
possible oscillations caused by
package, capacitor, and layout
parasitics. The Rx ECLGND leads
are grounded using R2. These 10
Ω resistors reduce excessive
ringing caused by current spikes
generated by the parasitic
inductance in the ECLGND leads.
This effect is more pronounced in
the receiver because of its
multiple ECL outputs.The
ECLGND pins of the Tx are
simply grounded.
In some instances, if the VCO of
either the Tx or the Rx are at the
extreme high end, the frequency
of STRBOUT exceeds the
maximum frequency allowed by
the hosts. In this case, it is
recommended that a diode clamp,
D1, be used across the integrating
cap C2, such that the upper
frequency is limited. The typical
swing of C2 is
± 0.8 volts, and
thus, the clamping diode should
have a turn-on voltage below 0.8
V, such as with germanium or
schottky diodes. This will vary
with each application. This diode
will also aid the Tx and Rx in the
initial frequency lock-in process.
Electrical Connections
The electrical I/Os for both the Tx
and Rx are shown in Figures 21-
23. The data sheet uses the
prefix, I and O, on the logic type
in order to identify input and
output lines respectively.
Additional information on pin
names and their functions can be
Figure 20. Power Supply Bypass.
TOP VIEW
Rx
C2
PIN 1
D1
VEE
VEE
C1
R1
VEE
C1
R1
VEE
C1
R1
CAP0B
CAP0A
CAP1A
CAP1B
HGND
VEE
VEE
GND
GND
GND
GND
VEE
VEE
ECLGND
GND
GND
VEE
VEE
VEE
R2
GND
VEE
R2
R2
ECLGND
R1 = VEE BYPASS DAMPING RESISTOR
R2 = ECLGND DAMPING RESISTOR
C1 = VEE BYPASS CAPACITOR
C2 = PLL INTEGRATOR CAPACITOR
D1 = OPTIONAL CLAMPING DIODE
10 OHMS
10 OHMS
0.1 µF
0.1 µF
TOP VIEW
Tx
C2
PIN 1
D1
VEE
VEE
C1
R1
VEE
C1
R1
VEE
C1
R1
CAP0B
CAP0A
CAP1A
CAP1B
HGND
HGND
VEE
VEE
GND
GND
GND
GND
VEE
VEE
GND
GND
GND
VEE
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com