Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
584
HDMP-1012 (Tx), HDMP-1014 (Rx)
DC Electrical Specifications
Tc = 0
°C to +85°C, GND = Ground, V
EE = -4.5 V to -5.5 V
Symbol
Parameter
Units
Min.
Typ.
Max.
VIH,ECL
ECL Input High Voltage Level, Guaranteed high signal
mV
-1150
for all inputs
VIL,ECL
ECL Input Low Voltage Level, Guaranteed low signal
mV
-1500
for all inputs
VOH,ECL
ECL Output High Voltage Level, Terminated with
mV
-1050
300
Ω to -2.0 V
VOL,ECL
ECL Output Low Voltage Level, Terminated with
mV
-1600
300
Ω to -2.0 V
VIP,H50
H50 Input Peak-To-Peak Voltage
mV
200
VDC,BLL
BLL Output Bias Voltage Level
mV
-900
VOP,BLL
BLL Output Peak-To-Peak Voltage, Terminated
mV
+600
with 50
Ω, ac coupled
IEE,Tx
Transmitter VEE Supply Current, with HCLKSEL off
mA
+403
Tc = 50
°C
IEE,Rx
Receiver VEE Supply Current, Tc = 50°C
mA
+512
Note:
1. BLL outputs are measured with external 150
Ω pull-up resistors to ground. Refer to Figure 23 for additional information.
HDMP-1012 (Tx), HDMP-1014 (Rx)
AC Electrical Specifications
Tc = 25
°C
Symbol
Parameter
Units
Min.
Typ.
Max.
tr,ECL
ECL Rise Time, Terminated with 300
Ω to -2.0 V
nsec
1
tf,ECL
ECL Fall Time, Terminated with 300
Ω to -2.0 V
nsec
4.5
tr, BLL
BLL Rise Time, Terminated with 50
Ω, ac coupled
psec
200
tf,BLL
BLL Fall Time, Terminated with 50
Ω, ac coupled
psec
170
VSWRi,H50
H50 Input VSWR
2:1
VSWRo,BLL
BLL Output VSWR
2:1
Note:
1. BLL outputs are measured with external 150
Ω pull-up resistors to ground. Refer to Figure 23 for additional information.
HDMP-1012 (Tx), HDMP-1014 (Rx)
Typical Lock-Up Time
Tc = 25
°C
DIV1
DIV0
HDMP-1012, msec
HDMP-1014, msec
LINK[1], msec
0
0
2.0
2.2
2.5
0
1
3.0
3.2
3.5
1
0
4.5
4.7
5.0
1
1
8.0
11.0
12.0
Note:
1. Measured in Local Loop-Back mode with the state machine engaged and 0 cable length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com