Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
585
HDMP-1012 (Tx), HDMP-1014 (Rx)
Absolute Maximum Ratings
Tc = 25
°C, except as specified. Operation in excess of any one of these conditions may result in permanent
damage to this device.
Symbol
Parameter
Units
Min.
Max.
VEE
Supply Voltage
V
-7
+0.5
VIN,ECL
ECL Input Voltage
V
-3
+0.5
VIN,BLL
H50 Input Voltage
V
-2
+1
IO,ECL
ECL Output Source Current
mA
+50
Tstg
Storage Temperature
°C
-40
+130
TJ
Junction Temperature
°C
-40
+130
Tmax
Maximum Assembly Temperature (for 10 seconds maximum)
°C
+260
HDMP-1012 (Tx)
Thermal Characteristics, TA = 25°C
Symbol
Parameter
Units
Typ.
Θ
jc
Thermal Resistance Die to Case
°C/Watt
12
PD
Power Dissipation, VEE = -5 volts
Watt
2.0
HDMP-1014 (Rx)
Thermal Characteristics, TA = 25°C
Symbol
Parameter
Units
Typ.
Θ
jc
Thermal Resistance Die to Case
°C/Watt
12
PD
Power Dissipation, VEE = -5 volts
Watt
2.6
I/O Type Definitions
I/O Type
Definition
I-ECL
Input ECL. Similar to 100 K ECL, but with pull-down. Thus if the input is left
unconnected, the buffer generates a default value of “0”. The input can also be directly
connected to ground to generate a “1”.
O-ECL
Output ECL. Similar to 100 K ECL but should be terminated with RTT
≥ 300 Ω, and do
not exceed 10cm connection distance.
O-BLL
50 matched output driver. Will drive AC coupled 50
Ω loads, with 150 Ω pull-up
resistors for broad band matching. All unused outputs should have 150
Ω pull-up
resistors, and AC coupled to a 50
Ω resistor to ground.
I-H50
Input with internal 50
Ω terminations. Input is diode level shifted so that it can swing
around ground. Can be driven with single-end configuration. Commonly used with input
single-end AC coupling from an O-BLL driver or another 50
Ω source, or differential
direct coupling from an O-BLL driver.
C
Filter capacitor node.
S
Power supply or ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com