Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 24 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 24 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 28Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
596
Appendix I: Additional
Internal Architecture
Information
Line Code Description
The HDMP-1012/1014 line code
is Conditional Invert Master
Transition (CIMT), illustrated in
Figure 11. The CIMT line uses
three types of frames: data
frames, control frames, and fill
frames. Fill frames are internally
generated by the Tx chip for use
during link start up and when
there is no input from the user.
Each frame consists of a Data
Field (D-Field) followed by a
Coding Field (C-Field). The D-
Field can be either 16-bits or 20-
bits wide, depending on link
configuration. The C-Field has a
master transition which serves as
a fixed timing reference for the
receivers clock recovery circuit.
Users can send arbitrary data
carried by Data or Control
Frames. The dc balance of the
line code is automatically
enforced by the Tx. Fill frames
have a single rising edge at the
master transition which is used
for clock recovery and frame
synchronization at the receiver.
Detailed coding schemes are
described in the following
subsections. All the tables given
in this section show data bits in
the same configuration as a scope
display. In other words, the
leftmost bit in each table is the
first bit to be transmitted in time,
while the rightmost bit is the last
bit to be transmitted.
Data Frame Codes
When not in FLAGSEL mode, the
FLAG bit is not user controllable
and is alternately sent as 0 and 1
by the Tx chip during data frames
to provide enhanced error
detection. Control and Fill frames
do not cause toggling between
even and odd frames to occur
(The FLAG bit is not available
during control frames). The
receiver performs a differential
detection to make sure that every
data frame received is the
opposite pattern from the
previous frame. If a break in the
strict alternation is observed, a
frame error is flagged by
asserting the Rx ERROR output.
This pattern detection makes it
impossible for a static input data
pattern to generate an
undetectable false lock point in
the transmitted data stream. The
detection also reduces the
probability that the loop could
lock onto random data at a point
away from the true master
transition for any significant time
before it would be detected as a
false lock. This mode can detect
all single-bit errors in the C-field
(non-data bit fields) of the frame.
When the chip is in FLAGSEL
mode, the extra FLAG bit is freely
user definable as an extra data
bit. This provides a 17th bit in 16
bit mode, and a 21st bit in 20 bit
mode. The probability of
undetected false lock is higher,
but the users (e.g., SCI-FI) that
need the extra bit can detect false
lock at a higher level of the
network protocol with clock
recovery circuits, etc. If the
higher level protocols consistently
receive wrong data, they can
initiate a link restart by resetting
the Rx state machine.
Figure 11. HDMP-1012/1014 (Tx/Rx Pair) Line Code.
DATA FIELD
16/20 BITS
CODING FIELD
4 BITS
FILL
FRAME
SERIAL
DATA
FRAME K
FRAME K+1
MASTER
TRANSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com