Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
593
Rx I/O Definition (cont’d.)
Name
Pin
Type
Signal
LIN LIN*
18
I-H50
Loop Back Serial Data Input: Use this input when LOOPEN is
17
active. Unlike the DIN, DIN* inputs, this input does not have a cable
equalizer. In normal usage, this input will be connected to the Tx
chip LOUT, LOUT* outputs. This allows the user to check the
near-end functionality of the Tx and Rx pair independent of the
transmission medium
LOOPEN
16
I-ECL
Loop Back Control: When asserted, this signal causes the loop back
data inputs LIN, LIN* to be used instead of the normal data inputs
DIN, DIN*.
LINKRDY*
36
O-ECL
Link Ready Indicator: This active-low output is a retimed version
of the ACTIVE input. ACTIVE is normally driven by the Rx state
machine output. LINKRDY* then indicates that the startup sequence
is complete and that the data and control indications are valid.
M20SEL
30
I-ECL
16 or 20 Bit Word Select: When this signal is high, the link operates
in 20 Bit data reception mode. Otherwise, the link operates in 16 Bit
mode and data outputs D16-D19 are undefined.
NCLK
76
O-ECL
Nibble Clock Monitor: Leave unterminated in normal use.
TEMP
77
T
Temperature Sense Diode: Used during wafer and package test
only. It should be left open.
PH1
79
O-ECL
Phase Detector Test Output: The output from the phase/frequency
detector in the Rx PLL. When PH1 is high, the VCO should increase
frequency. When low, the VCO should decrease frequency.
SMRST0*
28
I-ECL
State Machine Reset Inputs: Each of these active-low input pins
SMRST1*
29
reset the Rx state machine to the initial start-up state. This initiates
a complete PLL restart and handshake at both ends of the duplex
link. Normally, SMCRST0* is connected to a power-up reset circuit
or a host system reset signal. The SMCRST1* input is normally
connected to the Tx LOCKED output. The LOCKED signal holds the
state-machine in the start-up state until the Tx PLL is locked.
STAT0
27
O-ECL
State Machine Status Outputs: These outputs indicate the current
STAT1
26
state-machine state. They are used to directly control the Tx ED,
Tx FF, Rx FDIS, and Rx ACTIVE lines.
STRBOUT
35
O-ECL
Recovered Frame-rate Data Clock Output: This output is the PLL
recovered frame rate clock. D0-D19, FLAG, DAV, CAV, FF, LINKRDY,
and ERROR should all be latched on the rising edge of STRBOUT.
TCLK
12
I-H50
External VCO Replacement Test Clock: When TCLKSEL in
TCLK*
11
enabled, this input is used in place of the normal VCO signal,
effectively disabling the PLL and allowing the user to provide an
external retiming clock for testing.
TCLKSEL
10
I-ECL
Enable Test Clock Input: When this input is active, the TCLK,
TCLK* inputs are used in place of the normal VCO signal. This
feature is useful both for synchronous systems and for chip testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com