| Electronic Components Datasheet Search |
|
HDMP-1012 Datasheet(PDF) 32 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HDMP-1012 Datasheet(HTML) 32 Page - Agilent(Hewlett-Packard) |
|
32 / 42 page ![]() 604 SEND FF0 DISABLE DATA TRANSMISSION DISABLE DATA RECEPTION FREQUENCY DETECTOR ON 0 DATA ERROR RESET SEND FF1 DISABLE DATA TRANSMISSION ENABLE DATA RECEPTION FREQUENCY DETECTOR OFF 1 FF0 SEND FF0 ENABLE DATA TRANSMISSION ENABLE DATA RECEPTION FREQUENCY DETECTOR OFF 2 DATA FF1 FF1 FF0 ERROR RESET DATA FF1 FF0 ERROR RESET Figure 15. HDMP-1014 (Rx) State Machine State Diagram. phase detection mode. Parallel data can be sent by the local Tx, and at the same time, received by the local Rx. The Rx chip has the state machine logic built in. The SMC has two status outputs, STAT0 and STAT1, that control the various features of the two chips depending on the current state. The TX inputs that need to be controlled are FF and ED. The RX inputs that need to be controlled are FDIS and ACTIVE. To control the chips as shown in the state diagram of Figure 15, the following interchip connections must be made (Figure 16): When the local port is in State 0, it is in the reset state, where both local Tx and Rx parallel interfaces are disabled. The local Tx transmits FF0 continuously, and the local Rx PLL is in the frequency detection mode. When the local Rx is phase-locked to the remote Tx, it transitions to State 1. The local Tx transmits FF1 to acknowledge the phase-locked condition (its parallel input is still disabled). The local Rx PLL is in the phase detection mode and its parallel output is enabled. When in State 2, the two-way synchronization between the local port and the remote port is established. Both local Tx and Rx parallel interfaces are enabled, and the local Rx PLL is in the • Tx FF is driven by STAT1 • Tx ED is driven by STAT0 • Rx FDIS is driven by STAT1 • Rx ACTIVE is driven by STAT1 • TX RST and RX SMCRST0 are driven by a power-on, or user, reset circuit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |