Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 28 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 28 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 28Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 29Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 30Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 31Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 32Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
600
performed if the frame is a fill
frame.
The Output Select block allows
the user to select between two
sets of differential high speed
serial outputs. This feature is
useful for loop back testing. If
LOOPEN is high, LOUT is enabled
and DOUT is disabled. If LOOPEN
is low, DOUT is enabled and
LOUT is disabled.
The active-low RST* input resets
the internal registers to a
balanced state. This pin should be
held low for at least five frame
rate clock cycles to ensure a
complete reset.
The Data Field and Control Field
are encoded depending on ED,
FF, DAV*, CAV*, FLAG,
FLAGSEL, M20SEL as well as two
internally generated signals, O/E
and ACCMSB.
When FLAGSEL is high, O/E is
equivalent to FLAG. This is
equivalent to adding an additional
bit to the data field. When
FLAGSEL is low, O/E alternates
between high and low for data
frames. This allows the link to
perform more extensive error
detection when the extra bit is
unused.
ACCMSB is the sign of the
previously transmitted data. This
is used to determine which type of
FF1 should be sent. When
ACCMSB is low, FF1a is sent and
when ACCMSB is high, FF1b is
sent. This effectively drives the
accumulated offset of transmitted
bits back toward the balanced
state.
Tx Phase-Locked Loop
The block diagram of the
transmitter phase-locked loop is
shown in Figure 12. It consists of
a sequential frequency detector,
loop filter, VCO, clock generation
circuitry, and a lock indicator.
The outputs of the frequency
detector pass through a charge
pump filter that controls the
center frequency of the VCO.
These outputs also go to the VCO
directly to effectively add a zero
in the loop response. An external
high-speed clock can be used
instead of the VCO clock. This is
accomplished by applying a high
signal to EHCLKSEL and a
differential clock to STRBIN.
One of four frequency bands may
be selected by applying
appropriate inputs to DIV0 and
DIV1. The VCO or STRBIN
frequency is divided by N, where
N is 1, 2, 4, or 8 corresponding to
the binary number represented by
DIV1, DIV0. This divided version
of the VCO clock or STRBIN is
used as the serial rate clock and is
available as a differential signal at
the HCLK output.
A clock generator block creates
all the clock signals required for
the chip. Depending on M20SEL,
STRBOUT is either HCLK/20 or
HCLK/24. If MDFSEL is low, then
STRBOUT is a phase-locked
version of STRBIN. If MDFSEL is
high, STRBOUT is twice the
frequency of STRBIN.
Figure 12. HDMP-1012 (Tx) Phase-Locked Loop.
FREQ
DETECT
STRBIN
CLOCK
GENERATOR
LOCK
DETECT
DIV N
FILTER
VCO
EHCLKSEL
STRBIN
1
0
DIV0
DIV1
LOCKED
STRBOUT
INTERNAL CLOCKS
M20SEL
MDFSEL
HCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com