Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet(PDF) 41 Page - Agilent(Hewlett-Packard)

Part # HDMP-1012
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet(HTML) 41 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1012 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 39Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 40Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 41Page - Agilent(Hewlett-Packard) HDMP-1012 Datasheet HTML 42Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
613
Likewise, the Vtt plane must also
be bypassed equally well.
In the positive 5 V supply
configuration, the logic outputs
are in the PECL (positive ECL)
states. Commercial translation
chips are available which will
translate PECL between TTL and
CMOS.
Mode Options
The GLlink has several option
pins which set the modes of
operation. Common to both the
Tx and the Rx are M20SEL, DIV0,
and DIV1, FLAGSEL, and
LOOPEN. Local to the Tx are
MDFSEL, EHCLKSEL, and
HCLKON. While local to the Rx
are EQEN and TCLKSEL. These
pins are all I-ECL, and can be set
as described below.
M20SEL = 0/1 sets the width of
the frame to 16/20 bits.
DIV1 / DIV0 = set the frequency
bands of operation. Refer to the
Setting the Operating Data Rate
Range
section for frequency band
selection. It is recommended that
applications near the ends of the
bands have jumpers for DIV0 and
DIV1 inputs, so that the board
can accommodate possible lot-to-
lot band variations over the life of
the board design.
FLAGSEL = 0/1 selects either the
flag bit is reserved for error
detection by the link, or as an
extra bit available for the user.
Figure 23: Methods of Interfacing O-BLL and I-H50.
OBLL
150
Ω
IH50
50
Ω
50
Ω
150
Ω
ZO = 50 Ω
OBLL
150
Ω
IH50
150
Ω
ZO = 50 Ω
ZO = 50 Ω
A) SINGLE-ENDED DRIVE O-BLL TO I-H50 INTERFACE
B) DIFFERENTIAL DRIVE O-BLL TO I-H50
OBLL
150
Ω
ECL
50
Ω
82
Ω
150
Ω
ZO = 50 Ω
VTT (-2 V)
130
Ω
OBLL
150
Ω
ECL
150
Ω
ZO = 50 Ω
ZO = 50 Ω
50
Ω
50
Ω
-1.3 V
-1.3 V
C) DIFFERENTIAL DRIVE O-BLL TO ECL
D) SINGLE-ENDED DRIVE O-BLL TO ECL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com