Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 6Page - Hynix Semiconductor HMS81032TL Datasheet HTML 7Page - Hynix Semiconductor HMS81032TL Datasheet HTML 8Page - Hynix Semiconductor HMS81032TL Datasheet HTML 9Page - Hynix Semiconductor HMS81032TL Datasheet HTML 10Page - Hynix Semiconductor HMS81032TL Datasheet HTML 11Page - Hynix Semiconductor HMS81032TL Datasheet HTML 12Page - Hynix Semiconductor HMS81032TL Datasheet HTML 13Page - Hynix Semiconductor HMS81032TL Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
7
1.375
0.021
0.055
0.100 BSC
0.300 BSC
0.300
0.014
0 ~ 15°
MAX 0.180
MIN 0.015
0.713
0.020
0.050 BSC
0 ~ 8°
0.042
28 SKDIP
28 SOP
UNIT: INCH
MAX
MIN
1.355
0.015
0.045
0.275
0.008
0.697
0.013
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com