Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 12Page - Hynix Semiconductor HMS81032TL Datasheet HTML 13Page - Hynix Semiconductor HMS81032TL Datasheet HTML 14Page - Hynix Semiconductor HMS81032TL Datasheet HTML 15Page - Hynix Semiconductor HMS81032TL Datasheet HTML 16Page - Hynix Semiconductor HMS81032TL Datasheet HTML 17Page - Hynix Semiconductor HMS81032TL Datasheet HTML 18Page - Hynix Semiconductor HMS81032TL Datasheet HTML 19Page - Hynix Semiconductor HMS81032TL Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
13
7.4 REMOUT Port Ioh Characteristics Graph
(typical process & room temperature)
High Level
output current
IOH
REMOUT, R17, VOH =2V
-30
-12
-5
mA
Low Level
output cruuent
IOL
REMOUT, VOL =1V
0.5
-
3
mA
Input pull-up current
Ip
R0,R1,R2, RESET, VDD=3V
15
30
60
µA
Power Supply Current
IDD1
Operating current ,fxin=4Mhz, VDD=2.0V
-
2.4
6
mA
IDD2
Operating current ,fxin=4Mhz, VDD=3.6V
-
4
10
mA
ISLP1
Sleep mode current ,fxin=4Mhz,
VDD=2.0V
-1
2
mA
ISLP2
Sleep mode current ,fxin=4Mhz,
VDD=3.6V
-2
3
mA
ISTP1
Stop mode current ,Oscillator Stop
VDD=2.0V
-2
8
µA
ISTP2
Stop mode current ,Oscillator Stop
VDD=3.6V
-3
10
µA
RAM retention
supply voltage
VRET
-0.7
-
-
V
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
.
Figure 7-1 Ioh vs Voh
0
Ioh(mA)
Voh (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-5
-10
-15
-20
-25
-30
Vdd 2V
Vdd 3V
Vdd 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com