Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 61 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 57Page - Hynix Semiconductor HMS81032TL Datasheet HTML 58Page - Hynix Semiconductor HMS81032TL Datasheet HTML 59Page - Hynix Semiconductor HMS81032TL Datasheet HTML 60Page - Hynix Semiconductor HMS81032TL Datasheet HTML 61Page - Hynix Semiconductor HMS81032TL Datasheet HTML 62Page - Hynix Semiconductor HMS81032TL Datasheet HTML 63Page - Hynix Semiconductor HMS81032TL Datasheet HTML 64Page - Hynix Semiconductor HMS81032TL Datasheet HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
HMS81004E/08E/16E/24E/32E
58
JUNE 2001 Ver 1.00
15.4 RELEASE OPERATION OF STANDBY MODE
After standby mode is released, the operation begins ac-
cording to content of related interrupt register just before
standby mode start (Figure 15-3).
(1) Interrupt Enable Flag(I) of PSW = “0”
Release by only interrupt which interrupt enable flag =
“1”, and starts to execute from next to standby instruction
(SLEEP or STOP).
(2) Interrupt Enable Flag(I) of PSW = “1”
Released by only interrupt which each interrupt enable flag
= “1”, and jump to the relevant interrupt service routine.
Note: When STOP instruction is used, B.I.T should guar-
antee the stabilization oscillation time. Thus, just before en-
tering STOP mode, clock of bit10 (PS10) of prescaler is
selected or peripheral hardware clock control bit (ENPCK)
to “1”, Therefore the clock necessary for stabilization oscil-
lation time should be input into B.I.T. otherwise, standby
mode is released by reset signal. In case of interrupt re-
quest flag and interrupt enable flag are both “1”, standby
mode is not entered.
.
Figure 15-3 Standby Mode Release Flow
STOP Command
Interrupt Request GEN.
Int. enable reg.
0
1
Standby Mode
PSW
I Flag
Standby Mode Release
Interrupt Service Routine
Standby Next Command
Execution
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com