Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 13Page - Hynix Semiconductor HMS81032TL Datasheet HTML 14Page - Hynix Semiconductor HMS81032TL Datasheet HTML 15Page - Hynix Semiconductor HMS81032TL Datasheet HTML 16Page - Hynix Semiconductor HMS81032TL Datasheet HTML 17Page - Hynix Semiconductor HMS81032TL Datasheet HTML 18Page - Hynix Semiconductor HMS81032TL Datasheet HTML 19Page - Hynix Semiconductor HMS81032TL Datasheet HTML 20Page - Hynix Semiconductor HMS81032TL Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
HMS81004E/08E/16E/24E/32E
14
JUNE 2001 Ver 1.00
7.5 REMOUT Port Iol Characteristics Graph
(typical process & room temperature)
7.6 AC Characteristics
(TA=0~+70°°°°C, VDD=2.0~3.6V, VSS=0V)
.
Figure 7-2 Iol vs Vol
5
Iol(mA)
Vol (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4
3
2
1
0
-1
Vdd 3V
Vdd 4V
Vdd 2V
Parameter
Symbol
Pins
Specifications
Unit
Min.
Typ.
Max.
External clock input cycle time
tCP
XIN
250
500
1000
ns
System clock cycle time
tSYS
500
1000
2000
ns
External clock pulse width High
tCPH
XIN
40
-
-
ns
External clock pulse width Low
tCPL
XIN
40
-
-
ns
External clock rising time
tRCP
XIN
-
-
40
ns
External clock falling time
tFCP
XIN
-
-
40
nS
Interrupt pulse width High
tIH
INT1, INT2
2
-
-
tSYS
Interrupt pulse width Low
tIL
INT1, INT2
2
-
-
tSYS
RESET Input pulse width low
tRSTL
RESET
8-
-
tSYS
Event counter input pulse width high
tECH
EC
2-
-
tSYS
Event counter input pulse width low
tECL
EC
2-
-
tSYS
Event counter input pulse rising time
tREC
EC
--
40
ns
Event counter input pulse falling time
tFEC
EC
--
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com