Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 49Page - Hynix Semiconductor HMS81032TL Datasheet HTML 50Page - Hynix Semiconductor HMS81032TL Datasheet HTML 51Page - Hynix Semiconductor HMS81032TL Datasheet HTML 52Page - Hynix Semiconductor HMS81032TL Datasheet HTML 53Page - Hynix Semiconductor HMS81032TL Datasheet HTML 54Page - Hynix Semiconductor HMS81032TL Datasheet HTML 55Page - Hynix Semiconductor HMS81032TL Datasheet HTML 56Page - Hynix Semiconductor HMS81032TL Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
HMS81004E/08E/16E/24E/32E
50
JUNE 2001 Ver 1.00
14.4 Interrupt Sequence
An interrupt request is held until the interrupt is accepted or the
interrupt latch is cleared to “0” by a reset or an instruction. Inter-
rupt acceptance sequence requires 8 fXIN after the completion of
the current instruction execution. The interrupt service task is ter-
minated upon execution of an interrupt return instruction [RETI].
Interrupt acceptance
1. The interrupt master enable flag (I-flag) is cleared to
“0” to temporarily disable the acceptance of any follow-
ing maskable interrupts. When a non-maskable inter-
rupt is accepted, the acceptance of any following
interrupts is temporarily disabled.
2. Interrupt request flag for the interrupt source accepted is
cleared to “0”.
3. The contents of the program counter (return address)
and the program status word are saved (pushed) onto the
stack area. The stack pointer decreases 3 times.
4. The entry address of the interrupt service program is
read from the vector table address and the entry address
is loaded to the program counter.
5. The instruction stored at the entry address of the inter-
rupt service program is executed.
l
Figure 14-3 Interrupt Accept Mode & Selection by IP3~IP0
BTCL
7654
3210
IM 1
INITIAL VALUE: --00_0000B
ADDRESS: 0CAH
IMOD
IP1
IP0
R/W
R/W
R/W
R/W
R/W
R/W
IM 0
Interrupt mode register
Selection interrupt
00: Fixed by hardware
01: Changeable by IP3~IP0
Priority
R/W
R/W
--
0001: KSCNR
0010: INT1R
0011: INT2R
0101: T0R
0110: T1R
0111: T2R
1010: WDTR
1011: BITR
IP 2
IP 3
1x: Interrupt is inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com